Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP40DG Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP40DG
Description  40W Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP40DG Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP40DG Datasheet HTML 1Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 2Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 3Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP40DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 4
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to output
500
1500
VDC
Insulation resistance
Input to output
100M
Ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5x10
5
hrs
Over-current protection mode
All input range
Burp, Automatic recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1 1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the
auxiliary circuit of the load with at least 25%, the
main circuit with full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Output voltage trim range
Vimin≤Vi≤Vimax
10
%
Transient recovery time
25% load changes
±5
%
Transient overshoot time
25% load changes
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
The12V input module(9V-18V)
9.2
9.5
9.8
VDC
Startup voltage
The24V input module(18V-36V)
18
VDC
Startup voltage
The48Vinput module(36V-72V)
36
VDC
Input under voltage protection
The12V input module(9V-18V)
8.5
VDC
Input under voltage protection
The24V input module(18V-36V)
17
VDC
Input under voltage protection
The48Vinput module(36V-72V)
35
VDC
Startup time
Output rise time from 5% to 100%
20
ms
Remote control CTL
Remote CTL-Vin
Turn off
Remote control CTL
Remote CTL NC(The control level 12V-40V)
Turn on
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-25
+55
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com