Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPD
Description  1W Isolated Twin Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPD Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPD Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION:
The TPD series are miniature, isolated 1W DC/DC-converters with twin output voltage in a
SIP and DIP package. They offer the ideal solution in many space critical applications for
board level power distribution. The internal SMD construction makes it possible to offer a
product with high performance at low cost. The series offers smaller size, improved
efficiency, lower output ripple noise and 3KVDC isolation.
1W Isolated Twin Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input
Voltage
Output
Voltage 1
Output
Voltage 2
Output
Current 1
Output
Current 2
Efficiency
Package
Style
V
V
V
mA
mA
%
TPD050503D
5
5
3.3
100
151
69
DIP
TPD050505D
5
5
5
100
99
70
DIP
TPD050509D
5
5
9
100
55
79
DIP
TPD050512D
5
5
12
100
41
80
DIP
TPD050515D
5
5
15
100
35
79
DIP
TPD050503S
5
5
3.3
100
151
70
SIP
TPD050505S
5
5
5
100
99
70
SIP
TPD050509S
5
5
9
100
55
79
SIP
TPD050512S
5
5
12
100
41
80
SIP
TPD050515S
5
5
15
100
35
80
SIP
TPD120505D
12
5
5
100
99
70
DIP
TPD120509D
12
5
9
100
55
80
DIP
TPD120512D
12
5
12
100
41
80
DIP
TPD120515D
12
5
15
100
35
79
DIP
TPD120505S
12
5
5
100
99
70
SIP
TPD120509S
12
5
9
100
55
80
SIP
TPD120512S
12
5
12
100
41
79
SIP
TPD120515S
12
5
15
100
35
80
SIP
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input types
4.5
5.0
5.5
V
Voltage range
12V input types
11
12
13
V
FEATURES
RoHS compliant
Twin independent output
Input/output isolation 3KVDC
Output/output isolation 3KVDC
Power sharing on output
Efficiency to 80%
UL 94V-0 package material
Footprint from 1.17cm
2
Input voltage: 5V, 12V
Output one: 5V
Output two: 3.3V, 5V, 9V, 12V, 15V
Operating temperature: -40
℃to 85ºC
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
TA= -40
℃to 85℃
1.0
W
Voltage set point accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
Load regulation(10% load to rated load)
3.3V output variants
14
%
Load regulation(10% load to rated load)
5V output variants
14
%
Load regulation(10% load to rated load)
9V output variants
9
%
Load regulation(10% load to rated load)
12V output variants
9
%
Load regulation(10% load to rated load)
15V output variants
9
%


Similar Part No. - TPD

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
TPD TTELEC-TPD Datasheet
371Kb / 2P
One-Shot Non-Resettable Design
logo
Toppower Electronic Tec...
TPD-2W TOPPOWER-TPD-2W Datasheet
684Kb / 3P
2W 3KVDC Isolated Twin Output DC/DC Converters
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
0.5W Isolated Twin Output DC/DC Converters
More results

Similar Description - TPD

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMD CANDD-NMD Datasheet
116Kb / 2P
Isolated 1W Twin Output DC-DC Converters
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
Isolated 1W Twin Output DC/DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
D-XNS-1W MICRODC-D-XNS-1W Datasheet
804Kb / 4P
Isolated 1W Twin Output DC/DC Converters
D-XS-1W MICRODC-D-XS-1W Datasheet
937Kb / 4P
Isolated 1W Twin Output DC/DC Converters
D-XNS MICRODC-D-XNS Datasheet
631Kb / 4P
Isolated 1W Twin Output DC/DC Converters
logo
Toppower Electronic Tec...
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
0.5W Isolated Twin Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
logo
Toppower Electronic Tec...
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com