Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASSPLIT2WNF Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # DASSPLIT2WNF
Description  Power Splitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASSPLIT2WNF Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  DASSPLIT2WNF Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L166.A (12/13)
1
pulseelectronics.com/products/antennas
PIMinator
™ Low PIM iDAS Two Way
Power Splitter
Pulse Part Number DASSPLIT2WNF
DR
AFT
Confidential and Proprietary — Pulse Electronics — All Rights Reserved — 2013
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected
by copyright, trade secret and other state and federal laws. Its receipt or possession does not convey any rights
to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction,
disclosure or use without specific written authorization of Pulse is strictly forbidden.
Pulse is proud to offer industry leading -155 dBc certified
low PIM DAS power splitters. The Pulse Electronics
PIMinator
™ line of DAS in-building low PIM power split-
ters meets the most demanding PIM requirements for
2G, 3G, and 4G bands.
These low PIM power splitters help meet the operators
increasing demand for high data rates and streaming
video for mobile devices. The wide band design meets
the needs of operators around the World.
Models include a 2 way, 3 way, and 4 way power split-
ter with NF connectors as well as a 2 way power splitter
with DIN female connectors.
Features
- Industry leading -155 dBc PIM rating
- Covers cellular bands and WiMax from 698 - 2700 MHz
- RoHS Compliant Product
Applications
- In-building DAS systems requiring best PIM
performance
Electrical Specifications
Frequency [MHz]
698 - 2700
Nominal Impedance [Ω]
50
VSWR [Max]
1.19:1
Insertion Loss [dB Max]
3.2
Maximum Input Power [W]
300
PIM at 2 x +43 dBm [dBc Max]
-155
Connector Type
N Female
Mechanical Specifications
Finish
Black epoxy coat
Ingress Protection
IP-67
Weight [oz/g]
13.6 / 385.6
Overall Size [in/mm]
7.6 X 2.38 X .98 /
193 X 60.6 X 25


Similar Part No. - DASSPLIT2WNF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASSPLIT3WNF PULSE-DASSPLIT3WNF Datasheet
396Kb / 1P
Three Way Power Splitter
DASSPLIT4WNF PULSE-DASSPLIT4WNF Datasheet
396Kb / 1P
Four Way Power Splitter
More results

Similar Description - DASSPLIT2WNF

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com