Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 5000
Description  Film base resistance cut through
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

5000 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  5000 Datasheet HTML 1Page - Laird Tech Smart Technology 5000 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THR-DS-Tgard-5000_032515
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be liable for incidental or
consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will
be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks
or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein
provides a license under any Laird or any third party intellectual property rights. Document A 15984-00 03/2015
Tgard™ 5000 Series
Thermally Conductive Insulators
PRESSURE
UNITS
10
(69)
25
(172)
50
(345)
100
(689)
200
(1379)
400
(2758)
TOTAL THERMAL RESISTANCE
Modified ASTM D5470
ºC-in2/watt
0.62
0.51
0.40
0.27
0.25
0.23
Modified ASTM D5470
ºC-cm2/watt
4.0
3.29
2.58
2.06
1.61
1.48
T0-220
ºC/watt
1.31
1.00
0.82
0.65
0.58
0.54
Configurations available:
• Sheet form, roll form and die-cut parts
• Single-side, pressure-sensitive adhesive on request
Standard options:
• Without adhesive (A0): 12 x 18" sheets, 12" x 65M,
12" x 30M roll or custom configuration
• With adhesive (A1): 11.75 x 18" sheets, 11.75" x 30M roll
or custom configuration
Standard die cut parts:
Standard part sizes for TO-220, TO-247, TO-3P, TO-3PL and TO-264
Custom die cut parts:
Custom configurations available with standard tolerance of 0.5mm
(0.020”). Ability to handle drawings in multiple file formats. (.DXF
and .DWG preferred)
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
PROPERTIES
TEST METHOD
METRIC VALUES
IMPERIAL VALUES
ELECTRICAL PROPERTIES
Dielectric withstand voltage
50mm probe for 30 sec
ASTM D149
4,500 volts DC
4,500 volts DC
Dielectric breakdown voltage
50mm probe
ASTM D149
Avg >6,000
volts AC
Avg >6,000
volts AC
Volume resistivity
ASTN D257
1012 ohm-cm
1012 ohm-in
Dielectric constant @1Mhz
ASTN D257
3.4
3.4
MECHANICAL PROPERTIES
Thickness
0.127 mm
5 mils
Hardness
ASTM D2240
75 Shore A
75 Shore A
Tensile strength
ASTM D412
33.1 Mpa
4.8 Kpsi
Elongation along width or length
ASTM D412
45%
45%
Operating temperature range
-60º to 180ºC
-76º to 356ºF
Color
Tan
Tan
UL flammability rating
UL 94
V-0
V-0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com