Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 5000
Description  Film base resistance cut through
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

5000 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  5000 Datasheet HTML 1Page - Laird Tech Smart Technology 5000 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tgard™ 5000 Series
Thermally Conductive Insulators
THERMALLY CONDUCTIVE ELECTRICALLY INSULATIVE MATERIAL
Tgard™ 5000 is an excellent dielectric material with good thermal performance consisting of a
polyimide film coated with a ceramic-filled, high-temperature silicone rubber.
Tgard 5000 is ideal for applications that require a delta temperature across the interface of 2.0ºC/watt
or higher on a TO-220 clip mounted @ 50 psi pressure. Tgard 5000 has high dielectric strength for the
AC side of a switching mode power supply. Tgard 5000 is tough resulting in an exceptional cut-through
resistant material.
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: ++86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
APPLICATIONS
• Switching mode power supplies
• Electrial power generators
• UPS units
FEATURES AND BENEFITS
• High dielectric breakdown voltage of 6,000 volts
• Film base resistance cut through
• Thermal resistance of 0.40ºC-in2/watt @ 50 psi clip
pressure
• Thermal resistance of 0.23ºC-in2/watt @ 400 psi
screw pressure


Similar Part No. - 5000

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
Simple Power Solution Using LDOs
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
logo
Texas Instruments
5000 TI1-5000 Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
5000 TI1-5000 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
More results

Similar Description - 5000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12NT12G2 IDT-89HPES12NT12G2 Datasheet
279Kb / 32P
Low latency cut-through architecture
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
Low latency cut-through architecture
89HPES32NT8BG2 IDT-89HPES32NT8BG2 Datasheet
342Kb / 35P
Low latency cut-through architecture
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
Low latency cut-through architecture
89HPES48H12AG2 IDT-89HPES48H12AG2 Datasheet
455Kb / 59P
Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
Low latency cut-through architecture
logo
List of Unclassifed Man...
SP-980 ETC2-SP-980 Datasheet
383Kb / 2P
Excellent cut-through resistance
logo
Laird Tech Smart Techno...
5000NT1 LSTD-5000NT1 Datasheet
421Kb / 2P
Film base reinforced offers cut through resistant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com