Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASACHOLDER Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # DASACHOLDER
Description  Ceiling-Mount Omni Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASACHOLDER Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  DASACHOLDER Datasheet HTML 1Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 2Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 3Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 4Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 5Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 6Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 7Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 8Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
San Diego, California
Vancouver, Washington
Europe
China
858 674 8100
360 944 7551
49 173 659 8521
86 512 69206053
L173.F (03/16)
1
pulseantennas.com
Industry leading -155 dBc PIM compliant in-building Ultra-Thin ceiling mount
DAS omni antenna family including six different antenna products and one En-
ergy Directive Reflector. The Pulse Electronics PIMinator® line of DAS in-building
low PIM omni antenna meets the most demanding PIM requirements for 2G, 3G,
4G (LTE) and WiFi bands. DASUTCC / DASUTWC product family includes a 500mm
pigtail with N, Mini-DIN and 4.3-10 female connector.
Features
• Ultra-Thin
• Translucent (Clear) and White
• Industry leading -155 dBc at 2 x 20 watts (2 x 43dBm) PIM rating
• Covers cellular bands and WiFi from 608 through 2700 MHz
• Available with N, Mini-DIN and 4.3-10 female connector
• RoHS Compliant
• Patent Pending design
Applications
• Ultra-Thin structure of products allow installation in places where Aesthetics
is important
• Clear (Translucent) structure of antenna make this product nearly-invisible
• In-building DAS systems requiring best PIM
Clarity Series TM
Translucent & White DAS Antenna Family
Ultra-Thin, Ceiling-Mount Omni Antenna
Featuring PIMinator® Low PIM Performance
Confidential and Proprietary — Pulse Electronics — All Rights Reserved — 2016.
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws. Its receipt or
possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction,
disclosure or use without specific written authorization of Pulse is strictly forbidden.
DASUTCCxxxx
Accessory Part Number
Description
DASUTCCACC1
Reflector only (not antenna)
DASACABSORBER
PIM-Blocker Absorber
DASACHOLDER
Above-Ceiling Antenna Holder
DASCLINSERT
Clarity Installation Adapter
Antennas and accessory products covered in this documents are as follows:
DASUTWCxxxx
WHITE
Pulse P/N : TRANSLUCENT
Pulse P/N: WHITE
Connector Type
Reflector
DASUTCCR500NF
DASUTWCR500NF
N Female
Included
DASUTCCR500MD
DASUTWCR500MD
4.1-9.5 Mini-DIN Female
Included
DASUTCCR5004310
DASUTWCR5004310
4.3-10 DIN Female
Included
DASUTCC500NF
DASUTWC500NF
N Female
Not Included
DASUTCC500MD
DASUTWC500MD
4.1-9.5 Mini-DIN Female
Not Included
DASUTCC5004310
DASUTWC5004310
4.3-10 DIN Female
Not Included
Installed: PROFILE VIEW and
DIRECT VIEW FROM BELOW
DASUTCCxxxx
TRANSLUCENT
REFLECTOR


Similar Part No. - DASACHOLDER

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DAS001 STMICROELECTRONICS-DAS001 Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
Teledyne Technologies I...
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
logo
Analog Devices
DAS1151 AD-DAS1151 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
14-Bit & 15-Bit Sampling Analog To Digital Converter
More results

Similar Description - DASACHOLDER

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30041-RA WPI-WPANT30041-RA Datasheet
137Kb / 2P
3G / 4G Penta-band Indoor Ceiling mount Antenna
logo
Pulse A Technitrol Comp...
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
W1920 PULSE-W1920 Datasheet
328Kb / 3P
Omni Directional Blade Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
World Produts Inc.
WPANT30134 WPI-WPANT30134 Datasheet
100Kb / 2P
3G Cellular Mag-mount Omni-directional Antenna
logo
Raltron Electronics Cor...
RCL-MB3C7-17072-1M-H-001 RALTRON-RCL-MB3C7-17072-1M-H-001 Datasheet
173Kb / 1P
CEILING ANTENNA
logo
Taoglas antenna solutio...
IDAS.C.001 TAOGLAS-IDAS.C.001 Datasheet
4Mb / 24P
iDAS MIMO LTE Ceiling Mount Omni Antenna
logo
TE Connectivity Ltd
2363695-1 TEC-2363695-1 Datasheet
1Mb / 3P
SISO CEILING MOUNT UHF/3G/4G/5G ANTENNA
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
OMNI-DIRECTIONAL ANTENNA
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com