Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASACHOLDER Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # DASACHOLDER
Description  Ceiling-Mount Omni Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASACHOLDER Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button DASACHOLDER Datasheet HTML 2Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 3Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 4Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 5Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 6Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 7Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 8Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 9Page - Pulse A Technitrol Company DASACHOLDER Datasheet HTML 10Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
San Diego, California
Vancouver, Washington
Europe
China
858 674 8100
360 944 7551
49 173 659 8521
86 512 69206053
L173.F (03/16)
10
pulseantennas.com
Above-Ceiling Antenna Holder
Clarity Solid-Ceiling Adapter
DAS PIM-Blocker Absorber
Typical Assembly using the
Clarity Installation Adapter
Above-Ceiling Antenna Holder
(Shown with Antenna Installed)
Items
Pulse Part Number
Function
Material, Size
Comments
Above-Ceiling Antenna Reflector
DASUTCCACC1
Energy directive reflector
Aluminum
411.8x38.6mm
(16.2x52 Inch)
Enhances Gain
Abov-Ceiling Antenna Holder
DASACHOLDER
Support antennas above ceiling tile rails.
Polycarbonate;
618x192x122 mm
(24.4x7.6x4.4 inch)
Low PIM; Rigid
Construction
Clarity Solid-Ceiling Adapter
DASCLINSERT
Blind-hole installation of Clarity Antennas.
94 mm dia
(3.7 inch dia)
Low PIM Installation
PIM-Blocker Absorber
DASACABSORBER
System PIM Reduction
500x500x50mm
(19.7x12.7x1.97 inch)
Up to 30dB PIM
Improvement
Clarity-Pearl Series
Pulse Part Number
FREQ MHz
PIM Rating dBc
Connector
Color
Public Safety DAS Antenna
PSUTWCNF
380-570; 698-960
N/A
N-Female
White
Slots
Tabs
Installation
Adapter
Ceiling Structure
Above-Ceiling Reflector
Clarity Series TM
Translucent & White DAS Antenna Family
Ultra-Thin, Ceiling-Mount Omni Antenna
Public Safety DAS Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com