Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDASNF Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # PSDASNF
Description  Omni-Directional Public Safety/DAS Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PSDASNF Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button PSDASNF Datasheet HTML 7Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 8Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 9Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 10Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 11Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 12Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 13Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 14Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 15Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Issue: 1644P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description:
Omni-Directional Public Safety/DAS Antenna
380-520/698-2700/3300-3700/4900-6000MHz
PART NUMBER: PSDASxx
Series: 5BAR
CHARTS
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
698MHz
824MHz
960MHz
Phi Angle (°)
0.60
1.07
360
0.12
0.9
340
-1.61
-0.24
360
XY Plane
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
698MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
824MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
960MHz
11
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com