Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDASNF Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PSDASNF
Description  Omni-Directional Public Safety/DAS Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PSDASNF Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PSDASNF Datasheet HTML 1Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 2Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 3Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 4Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 5Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 6Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 7Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 8Page - Pulse A Technitrol Company PSDASNF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Issue: 1644P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description:
Omni-Directional Public Safety/DAS Antenna
380-520/698-2700/3300-3700/4900-6000MHz
PART NUMBER: PSDASxx
Series: 5BAR
This document covers all product variants of the following product family:
2
Item
Part Number
Description
1
PSDAS4310F
Omni-Directional In-Building Antenna, 380-520/698-2700/3300-3700/4900-6000MHz,
with 4.3/10-female connector and 360mm cable. NO PIM requirement.
2
PSDAS4310FP
Omni-Directional In-Building Antenna, 380-520/698-2700/3300-3700/4900-6000MHz,
with 4.3/10-female connector and 360mm cable. PIM: -150dBc@2*200W
3
PSDASNF
Omni-Directional In-Building Antenna, 380-520/698-2700/3300-3700/4900-6000MHz,
with N-female connector and 360mm cable. NO PIM requirement.
4
PSDASNFP
Omni-Directional In-Building Antenna, 380-520/698-2700/3300-3700/4900-6000MHz,
with N-female connector and 360mm cable. PIM: -150dBc@2*200W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com