Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDASNFP Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PSDASNFP
Description  Omni-Directional Public Safety/DAS Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PSDASNFP Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PSDASNFP Datasheet HTML 1Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 2Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 3Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 4Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 5Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 6Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 7Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 8Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Description:
Omni-Directional Public Safety/DAS Antenna
380-520/698-2700/3300-3700/4900-6000MHz
PART NUMBER: PSDASxx
Series: 5BAR
Issue: 1644P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
18110 SE 34th St Bldg 2 Suite 250
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
15255 Innovation Drive #100
Features:
Applications:
All dimensions are in mm / inches
• 380-520/698-960/
1710-2700/4900-6000MHz
• Ceiling mount omni SiSo
• Color Cool Grey 1C
• Vertical polarization
• IP67
• Diam 288mm, Height 136mm
• Public safety
• TETRA
• DAS LTE
• WiFi
1


Similar Part No. - PSDASNFP

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
Small Coaxial Connectors?
logo
Mean Well Enterprises C...
PSD-05 MEANWELL-PSD-05 Datasheet
289Kb / 2P
5W Single Output DC-DC Converter
PSD-05-05 MEANWELL-PSD-05-05 Datasheet
287Kb / 2P
5W Single Output DC-DC Converter
PSD-05-05 MEANWELL-PSD-05-05 Datasheet
289Kb / 2P
5W Single Output DC-DC Converter
PSD-05-12 MEANWELL-PSD-05-12 Datasheet
287Kb / 2P
5W Single Output DC-DC Converter
More results

Similar Description - PSDASNFP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1920G0915 PULSE-W1920G0915 Datasheet
328Kb / 3P
Omni Directional Blade Antenna
logo
List of Unclassifed Man...
OMB44505F21 ETC2-OMB44505F21 Datasheet
1Mb / 9P
Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Pulse A Technitrol Comp...
PSIBVHF PULSE-PSIBVHF Datasheet
1Mb / 10P
In Building Public Safety Antenna
PSIBVU78 PULSE-PSIBVU78 Datasheet
1Mb / 11P
In Building Public Safety Antenna
W1920 PULSE-W1920 Datasheet
328Kb / 3P
Omni Directional Blade Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
OMB44505F21 TAOGLAS-OMB44505F21 Datasheet
408Kb / 9P
Barracuda - Omni-Directional Indoor/Outdoor Antenna 4.4GHz-5GHz Public Safety Band 7dBi
logo
Ultralife Corporation.
AV460 ULTRALIFE-AV460 Datasheet
68Kb / 1P
Omni-directional Broadband Antenna
23NOV10 REV:-
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
OMNI-DIRECTIONAL ANTENNA
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com