Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDASNFP Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PSDASNFP
Description  Omni-Directional Public Safety/DAS Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PSDASNFP Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PSDASNFP Datasheet HTML 1Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 2Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 3Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 4Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 5Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 6Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 7Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 8Page - Pulse A Technitrol Company PSDASNFP Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Issue: 1644P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description:
Omni-Directional Public Safety/DAS Antenna
380-520/698-2700/3300-3700/4900-6000MHz
PART NUMBER: PSDASxx
Series: 5BAR
ELECTRICAL SPECIFICATIONS
3
Frequency
380-520/698-2700/3300-3700/4900-6000MHz
Nominal Impedance
50
VSWR(380-520MHz)
2.5:1
VSWR(698-2700/3300-3700/4900-6000MHz)
2.0:1
Average Efficiency(380-520MHz)
77
%
Average Efficiency(698-960MHz)
87
%
Average Efficiency(1710-2700MHz)
85
%
Average Efficiency(3300-3700MHz)
89
%
Average Efficiency(4900-6000MHz)
87
%
Peak Gain (380-520MHz)
3.6
dBi +/- 1 dB
Peak Gain (698-960MHz)
3.4
dBi +/- 1 dB
Peak Gain (1710-2700MHz)
7.1
dBi +/- 1 dB
Peak Gain (3300-3700MHz)
6.1
dBi +/- 1 dB
Peak Gain (4900-6000MHz)
5.8
dBi +/- 1 dB
Polarization:
linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com