Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5021 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N5021
Description  P-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N5021 Datasheet(HTML) 1 Page - InterFET Corporation

  2N5021 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-18
01/99
2N5020, 2N5021
P-Channel Silicon Junction Field-Effect Transistor
¥ Analog Switches
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 50 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
500 mW
Power Derating
4 mW/°C
Storage Temperature Range
– 65°C to + 200°C
TOÐ18 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source 1, 2 Gate & Case, 3 Drain
Surface Mount
SMP5020, SMP5021
At 25°C free air temperature:
2N5020
2N5021
Process PJ32
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GDO
25
25
V
IG = 1µA, VDS = ØV
Gate Reverse Current
IGSS
11
nA
VGS = 15V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
0.3
1.5
0.5
2.5
V
VDS = – 15V, ID = 1 nA
Drain Saturation Current (Pulsed)
IDSS
– 0.3 – 1.2
– 1
– 3.5
mA
VDS = – 15V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
1
3.5
1.5
6
mS
VDS = – 15V, VGS = ØV
Forward Transconductance
Common Source Output Conductance
gos
20
20
µS
VDS = – 15V, VGS = ØV
Common Source Input Capacitance
Ciss
25
25
pF
VDS = – 15V, VGS = ØV
f = 1 MHz
Common Source
Crss
77
pF
VDS = – 15V, VGS = ØV
f = 1 MHz
Reverse Transfer Capacitance
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-18


Similar Part No. - 2N5021

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5021 NJSEMI-2N5021 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - 2N5021

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5462 INTERFET-2N5462 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com