Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP09 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DP09
Description  9mm Rotary Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP09 Datasheet(HTML) 1 Page - Tyco Electronics

  DP09 Datasheet HTML 1Page - Tyco Electronics DP09 Datasheet HTML 2Page - Tyco Electronics DP09 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Key Features
9mm Rotary Encoder
Incremental Type
Push on Switch Option
Various Shaft Lengths
Pulse Options
Detent Options
9mm Rotary incremental encoder for
use in electronic equipment. Can be
supplied with or without switch
with
customisation to standard options
Characteristics -
Electrical
Pulses:
12 & 15
Contact Rating:
10mA 5VDC
Dielectric Strength:
300VAC / 1mA, 1 minute
Insulation Resistance (min):
100M ohms at 250VAC
Operating Speed (RPM):
60 RPM
Switch Power Rating (where fitted):
12VDC, 0.5A
Switch Contact Resistance:
100m ohm
Electrical Travel:
Continuous
Rotational Noise:
t2 = 5.0ms max (see below)
Chattering:
t1 & t3 = 5.0 ms max (see below)
Code Off area V = 3.5V or more. Code on area V=1.5V or less
Characteristics -
Mechanical
Total Mechanical Travel:
Continuous
Detents:
0, 12, 24, 30
Switch Operating Force:
400 + 400/- 200 gf
Switch Travel:
1.5mm
Shaft Type:
F – Flatted, K – Knurled
Shaft Length (from Mounting Surface):
15, 20, 25, 30
Characteristics -
Environmental
Operating Temperature
-10 - +65 degrees C
Rotational Life
30,000 Cycles
Output Signal Format
Shaft Rotational
Signal
Format
Direction
A (Terminal A-C)
B (Terminal B-C)
A (Terminal A-C)
B (Terminal B-C)
Clockwise
Anticlockwise
Type DP09 Series
Literature No. 6-1773449-8
Issued: 2-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
9mm Rotary Encoder
Type DP09 Series


Similar Part No. - DP09

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0921 DAICO-DP0921 Datasheet
30Kb / 1P
Phase Shifter 6 Section
More results

Similar Description - DP09

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
9mm Rotary Potentiometer
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
Incremental rotary encoder
RSI58O-02YK1R61T-01024 PF-RSI58O-02YK1R61T-01024 Datasheet
215Kb / 3P
Incremental rotary encoder
THI40N-YYAK2R6YN-00050 PF-THI40N-YYAK2R6YN-00050 Datasheet
575Kb / 4P
Incremental rotary encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com