Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP09 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DP09
Description  9mm Rotary Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP09 Datasheet(HTML) 2 Page - Tyco Electronics

  DP09 Datasheet HTML 1Page - Tyco Electronics DP09 Datasheet HTML 2Page - Tyco Electronics DP09 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Literature No. 6-1773449-8
Issued: 2-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
9mm Rotary Encoder
Type DP09 Series
Dimensions
DP09H-K
DP09H-F
P.W.B Mounting detail
(Tolerances ±0.1)
Viewed from mounting side
5.0
B
C
A
3- ø1.0
+0.2
-0
Holes
Mounting surface
F
5.0
0.8
M7*0.75
Mounting surface
7.05
B
L
C1.0
2.0 ±0.1
Location lug detail
Y
X
X
Y
A
B
C
5.0
Y
9.5
X
X
Y
Y
X
X
5.0
Holes
AC
Y
0.8±0.2
P.W.B Mounting detail
(Tolerances ±0.1)
Viewed from mounting side
Mounting surface
B
M7*0.75
C1.0
+0.1
-0
X
X
Locating lug detail
Y
Y
2.0±0.1
B
C
A
L
T
5- ø1.0
B
6.25
SW Travel
1.5±0.5
12.05
E
D
Circuit diagram
9.7
0.9±0.1
DP09SH-K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com