Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSUTWCNF Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PSUTWCNF
Description  In Building Public Safety
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PSUTWCNF Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PSUTWCNF Datasheet HTML 1Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 2Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 3Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 4Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 5Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 6Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 7Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 8Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description: In Building Public Safety
PART NUMBER: PSUTWCNF
Series: Clarity™ Pearl
Issue: 1635
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive
3611 NE 112th Ave
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98682
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
Features:
Applications:
All dimensions are in mm / inches
• Frequency of Operation:
• 380-570 MHz (UHF)
• 698-960 MHz
• Excellent Performance Across all
bands
• VSWR 2:1 Max.
• Size : 311mm Diameter
• 9.5mm below ceiling
• White radome; UV stabilized
plastic, UL94-V0 flamm.
• 500mm coax; N Female Conn.
• In-Building Public Safety repeater
systems.
• Excellent Coverage of Public
Safety networks
• Includes T-Band, Tetra
coverage
• Pleasing aesthetic design.
• Ideal for Challenging building
types: Hospitals, Schools,
Shopping malls, Government
buildings, Multi-Tenant Units.
1


Similar Part No. - PSUTWCNF

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUT115 POWERSEM-PSUT115 Datasheet
279Kb / 3P
Three Phase AC Controller Modules
PSUT130 POWERSEM-PSUT130 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT13008 POWERSEM-PSUT13008 Datasheet
330Kb / 2P
Three Phase AC Controller Modules
PSUT13012 POWERSEM-PSUT13012 Datasheet
330Kb / 2P
Three Phase AC Controller Modules
PSUT13014 POWERSEM-PSUT13014 Datasheet
330Kb / 2P
Three Phase AC Controller Modules
More results

Similar Description - PSUTWCNF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1910T ETC1-R1910T Datasheet
169Kb / 2P
In-Building PCS TDMA Repeater
logo
API Technologies Corp
CMN373 APITECH-CMN373 Datasheet
87Kb / 1P
Band Reject Filter Public Safety
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
Public safety
logo
Pulse A Technitrol Comp...
PSDAS4310F PULSE-PSDAS4310F Datasheet
1Mb / 19P
Omni-Directional Public Safety/DAS Antenna
PSIBVHF PULSE-PSIBVHF Datasheet
1Mb / 10P
In Building Public Safety Antenna
PSIBVU78 PULSE-PSIBVU78 Datasheet
1Mb / 11P
In Building Public Safety Antenna
logo
Laird Tech Smart Techno...
PAV69278I LSTD-PAV69278I Datasheet
821Kb / 3P
in-building wireless networks
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-6013 AVAGO-ACMD-6013 Datasheet
224Kb / 2P
LTE Band 13 Duplexer with Public Safety Band Rejection
logo
Broadcom Corporation.
ACMD-6013 BOARDCOM-ACMD-6013 Datasheet
229Kb / 2P
LTE Band 13 Duplexer with Public Safety Band Rejection
logo
Pulse A Technitrol Comp...
PSIBUHF PULSE-PSIBUHF Datasheet
3Mb / 13P
In Building Public Safety Antenna 450-490 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com