Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSUTWCNF Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PSUTWCNF
Description  In Building Public Safety
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PSUTWCNF Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PSUTWCNF Datasheet HTML 1Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 2Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 3Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 4Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 5Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 6Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 7Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 8Page - Pulse A Technitrol Company PSUTWCNF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Issue: 1635
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: In Building Public Safety
PART NUMBER: PSUTWCNF
Series: Clarity™ Pearl
ELECTRICAL SPECIFICATIONS
2
Frequency
380-570, 700-960 MHz
Nominal Impedance
50
VSWR
2:1
Average peak gain 380-570 MHz
1.8 dBi
Average peak gain 700-960 MHz
3.5 dBi
Radiation Pattern
3 dB beamwidth
Horizontal plane
Omni
Vertical plane
100 deg
Power withstanding
10 W
Connector type
N female
Cable type
Ø 4mm / 0.16”
Cable length
500mm / 19.7”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com