Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPT698/2170DMN Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # SLPT698/2170DMN
Description  ON-VEHICLE LOW PROFILE ANTENNA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SLPT698/2170DMN Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  SLPT698/2170DMN Datasheet HTML 1Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 2Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 3Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 4Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 5Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 6Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 7Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 8Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Issue: 1640
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: ON-VEHICLE LOW PROFILE ANTENNA
PART NUMBER: Black: SLPTXXX / White: SLPTXXXW
Series: Shadow
This document covers all product variants of the following product family:
3
P.S.: For DMN fixing system, it requires a 5/8” (16mm) hole in the
mounting surface.
Remove any burrs, particularly on the Roof under side of the hole.
Remove paint in a narrow ring around the hole. Metal-to-metal contact
between the mounting surface and mount is essential for best
performance.
Project
Color
Frequency
Size
Fixing System
Connector
SLPT2400NMOHFW
White
2400-2500MHz
NMOHF
NMO + HF Connector
SLPT2400NMOHF
Black
SLPT4900NMOHFW
White
4900-6000MHz
SLPT4900NMOHF
Black
SLPT245NMOHFW
White
2400-2500MHz
4900-6000MHz
SLPT2400/5900NMOHF
Black
SLPT2400DMNW
White
2400-2500MHz
Direct Mount
N Female Connector
(Screw 5/8-24 UNEF 2A)
SLPT2400DMN
Black
SLPT4900DMNW
White
4900-6000MHz
SLPT4900DMN
Black
SLPT2400/5900DMNW
White
2400-2500MHz
4900-6000MHz
SLPT2400/5900DMN
Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com