Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPT698/2170DMN Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # SLPT698/2170DMN
Description  ON-VEHICLE LOW PROFILE ANTENNA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SLPT698/2170DMN Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  SLPT698/2170DMN Datasheet HTML 1Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 2Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 3Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 4Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 5Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 6Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 7Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 8Page - Pulse A Technitrol Company SLPT698/2170DMN Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Issue: 1640
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: ON-VEHICLE LOW PROFILE ANTENNA
PART NUMBER: Black: SLPTXXX / White: SLPTXXXW
Series: Shadow
ELECTRICAL SPECIFICATIONS
4
Project
Frequency
VSWR
Peak Gain
Efficiency
SLPT698/2170NMOHFW
698-960MHz
1710-2700MHz
3:1(0.698-0.716GHz)
2.5:1(0.716-0.772GHz)
2:1(0.772-0.9GHz)
2.5:1(0.9-0.934GHz)
3:1(0.934-0.96GHz)
1.7:1(1.71-2.5GHz)
2.2:1(2.5-2.7GHz)
3.52dBi(0.698-0.96GHz)
4.95dBi(1.71-2.69GHz)
72%
71%
SLPT698/2170NMOHF
SLPT698/960NMOW
698-960MHz
2:1
3.29dBi
68%
SLPT698/960NMO
SLPT806NMOW
806-960MHz
2:1
3.18dBi
67%
SLPT806NMO
SLPT698/869DMNW
698-869MHz
2:1
3.26dBi
72%
SLPT698/869DMN
SLPT806DMNW
806-960MHz
1.5:1
3.05dBi
70%
SLPT806DMN
SLPT698/2170DMNW
698-960MHz
1710-2700MHz
3:1(0.698-0.732GHz)
2.5:1(0.732-0.774GHz)
2:1(0.774-0.852GHz)
2.5:1(0.852-0.903GHz)
3:1(0.903-0.96GHz)
1.7:1(1.71-2.5GHz)
2.2:1(2.5-2.7GHz)
3.51dBi(0.698-0.96GHz)
4.81dBi(1.71-2.69GHz)
76%
67%
SLPT698/2170DMN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com