Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB20.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # UB20.241
Description  DC-UPS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB20.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button UB20.241 Datasheet HTML 17Page - PULS GmbH UB20.241 Datasheet HTML 18Page - PULS GmbH UB20.241 Datasheet HTML 19Page - PULS GmbH UB20.241 Datasheet HTML 20Page - PULS GmbH UB20.241 Datasheet HTML 21Page - PULS GmbH UB20.241 Datasheet HTML 22Page - PULS GmbH UB20.241 Datasheet HTML 23Page - PULS GmbH UB20.241 Datasheet HTML 24Page - PULS GmbH UB20.241 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
UB20.241
UB-Series
24V, 20A, DC-UPS
17. PROTECTION FEATURES
Output protection
In power supply mode:
The DC-UPS is protected by the current limitation of the supplying power
supply or a circuit protector on the input in case the power supply has an
ampacity greater than 28A.
In battery mode:
The DC-UPS is electronically protected against overload, no-load and
short-circuits
Output over-voltage protection
typ. 32Vdc
max. 35Vdc
In case of an internal DC-UPS defect, a redundant
circuit limits the maximum output voltage in battery
mode. The output shuts down and automatically
attempts to restart.
Degree of protection
IP 20
EN/IEC 60529
For use in a controlled environment according to CSA
22.2 No 107.1-01.
Penetration protection
> 3.5mm
E.g. screws, small parts
Over-temperature protection
included for
battery mode
Output shuts down with automatic restart.
Additional temperature protection for charging of
batteries can be found in chapter 5.
Input over-voltage protection
max. 35Vdc
No harm or defect of the unit
Internal input fuse
no
Reverse input polarity protection
included
Max. -40V
Reverse battery polarity protection
included
Max. -35Vdc
Protection against wrong battery voltage
included
Max. +35Vdc
Battery deep discharge protection
included
Buffering will stop when deep discharge protection is
active. Battery will be disconnected from the DC-UPS.
18. SAFETY FEATURES
Input / output separation
not provided
The minus-pole is internally hard-wired with the minus-
pole of the input and battery terminals.
Output voltage
SELV
IEC/EN 60950-1,
The input must be powered from a SELV power source.
PELV
IEC/EN 60204-1, EN 50178, IEC 62103, IEC 60364-4-41,
The input must be powered from a PELV power source.
Class of protection
III
PE (Protective Earth) connection not required
Isolation resistance *)
> 5MOhm
> 5MOhm
> 5MOhm
Power port to signal port
Power port to housing
Signal port to housing
Touch current (leakage current)
The leakage current which is produced by the DC-UPS itself depends on the input
voltage ripple and need to be investigated in the final application. For a smooth DC
input voltage, the produced leakage current is less than 100μA.
*)
Center-tap terminal is categorized in the group of “power port”.
Jan. 2015 / Rev. 2.0 DS-UB20.241-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com