Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB20.241 Datasheet(PDF) 9 Page - PULS GmbH

Part # UB20.241
Description  DC-UPS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB20.241 Datasheet(HTML) 9 Page - PULS GmbH

Back Button UB20.241 Datasheet HTML 5Page - PULS GmbH UB20.241 Datasheet HTML 6Page - PULS GmbH UB20.241 Datasheet HTML 7Page - PULS GmbH UB20.241 Datasheet HTML 8Page - PULS GmbH UB20.241 Datasheet HTML 9Page - PULS GmbH UB20.241 Datasheet HTML 10Page - PULS GmbH UB20.241 Datasheet HTML 11Page - PULS GmbH UB20.241 Datasheet HTML 12Page - PULS GmbH UB20.241 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
UB20.241
UB-Series
24V, 20A, DC-UPS
Fig. 4-6 Select an appropriate power supply,
which can deliver the additional current for
charging and internal consumption the DC-UPS
Fig. 4-7 Battery mode:
Output voltage vs. output current, typ.
Output Voltage
0
020
4
8
12
28V
16
20
32A
12
4
8
16
24
28
Output Current
continuous
Hiccup
mode
for 4s
24
26V
22.5V
Internal
current
consumption
Current
consumption
for battery
charging
Output
Current
Input
Current
Fig. 4-8 Battery mode: HiccupPLUS behavior during
a short-circuit on output, typ.
Fig. 4-9 Battery mode:
Dynamic peak current behavior, typ.
Output Voltage (dynamic behavior, < 25ms)
0
0
4
8
12
28V
16
20
100A
40
20
60
80
10
30
50
70
90
26V
22.5V
24
Output Current
Output Current
0
31A
17s
17s
17s 2s
2s
2s
t
Short -
circuit
Normal
load
Normal
load
Jan. 2015 / Rev. 2.0 DS-UB20.241-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com