Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2Y Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TP2Y
Description  3W 1KVDC Isolated Wide Input DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2Y Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TP2Y Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2Y Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2Y Datasheet HTML 3Page - Toppower Electronic Technology Limited TP2Y Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP2Y Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 4 of 4
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in mm ±0.5mm.
16.70±0.55
20.70±0.55
6.80±0.55
0.60±0.15
All dimensions in mm ±0.5mm.
Tube length : 20mm ±2mm .
Tube Quantity:15PCS
2.54
2.54
8孔
1.30
1.45
8 HOLES
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com