Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2Y Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP2Y
Description  3W 1KVDC Isolated Wide Input DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2Y Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2Y Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2Y Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2Y Datasheet HTML 3Page - Toppower Electronic Technology Limited TP2Y Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP2Y Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 4
These converters will work without external capacitors, in
order to guarantee the full parametric performance over the
full line and load range we recommende you to use the value
we listed at right side. All parts have been tested and
characterized using the following values and test circuit.
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
Continuous
Lead temperature 1.5mm from case for 10 seconds
300°C
Minimum load
25% of rated load
05V input
10V
12V input
20V
24V input
40V
48V input
80V
Internal dissipation
1.7W
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
MAX.
Units
Voltage set point accuracy
With external input/output capacitors
±1
±5
%
Line regulation(external input/output capacitors added)
Low line to high line, 3.3V output
0.06
0.26
%
Line regulation(external input/output capacitors added)
Low line to high line, all other outputs
0.06
0.5
%
Load regulation(external input/output capacitors added)
25% load to 100% load, 3.3V output types
0.7
1.0
%
Load regulation(external input/output capacitors added)
25% load to 100% load, all other outputs types
0.3
0.5
%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=500VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
100% load with normal input voltage, 3.3V output types
150
210
kHz
Switching frequency
25% load with normal input voltage, 3.3V output types
280
550
kHz
Switching frequency
100% load with normal input voltage, all other output types
90
210
kHz
Switching frequency
25% load with normal input voltage, all other output types
280
550
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
Ambient temperature
-40
85
Storage
-50
130
Cooling
Free air convection
RECOMMENDED INPUT & OUTPUT CAPACITORS
Value
Cin
Cout
Lout
10µF, 200V good low esr capacitor
100µF, 25V good low esr capacitor
10uH,1.4A
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com