Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2S4805 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP2S4805
Description  3W 1KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2S4805 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2S4805 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2S4805 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2S4805 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP2S Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TP2S series are a range of isolated 3 Watt converters in a low profile DIP package, 2:1 wide input
range and tightly regulated output voltage qualifies these converters for many cost critical applications in
industrial and consumer electronics. Operating temperature range from -40ºC to 85ºC, the internal SMD
construction makes it possible to offer a product with high performance at low cost.
3W 1KVDC Isolated Single Output DC/DC Converters
FEATURES
RoHS compliant
Industry standard footprint
Single isolated output
Short circuit protection
Operating temperature :–40°C to +85°C
Low profile 24 pin case
2:1 Wide input range
Input voltage:5V, 12V, 24V ,48V
Output voltage:3.3V, 5V, 12V ,15V
Footprint 4.73cm2
UL94V-0 Package materials
1KVDC isolation
SELECTION GUIDE
Part Number
Input Voltage
Rated Output Voltage
Output Current
Efficiency
Voltage(VDC)
Min. Load
Full load
Rated
Range values
(V)
mA
mA
%
TP2S0503
5 (2:1)
4.5-9
3.3
226
908
62
TP2S0505
5 (2:1)
4.5-9
5
150
600
70
TP2S0512
5 (2:1)
4.5-9
12
64
252
76
TP2S0515
5 (2:1)
4.5-9
15
49
201
78
TP2S1203
12 (2:1)
9-18
3.3
226
908
71
TP2S1205
12 (2:1)
9-18
5
150
600
72
TP2S1212
12 (2:1)
9-18
12
64
252
75
TP2S1215
12 (2:1)
9-18
15
49
201
76
TP2S2403
24 (2:1)
18-36
3.3
226
908
72
TP2S2405
24 (2:1)
18-36
5
150
600
78
TP2S2412
24 (2:1)
18-36
12
64
252
79
TP2S2415
24 (2:1)
18-36
15
49
201
84
TP2S4803
48 (2:1)
36-72
3.3
226
908
71
TP2S4805
48 (2:1)
36-72
5
150
600
75
TP2S4812
48 (2:1)
36-72
12
64
252
80
TP2S4815
48 (2:1)
36-72
15
49
201
80
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
All TP2S05
4.5
5
9
V
Voltage range
All TP2S12
9
12
18
V
Voltage range
All TP2S24
18
24
36
V
Voltage range
All TP2S48
36
48
72
V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max.
Units
Voltage set point accuracy
With external input/output capacitors
±1
±3
%
Line regulation
Low line to high line with external input/ output capacitors
0.2
0.5
%
Load regulation
Minimum load to rated load with external input/ output capacitors
%
Load regulation
Minimum load to rated load with external input/ output capacitors
1.4
%
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
TOPPOWER


Similar Part No. - TP2S4805

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
Input voltage 100~240V AC
20211013-B
logo
Toppower Electronic Tec...
TP2S05S03S-2W TOPPOWER-TP2S05S03S-2W Datasheet
397Kb / 3P
2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2S05S03S-2W TOPPOWER-TP2S05S03S-2W Datasheet
426Kb / 3P
2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
logo
TECH PUBLIC Electronics...
TP2SD2142K TECHPUBLIC-TP2SD2142K Datasheet
862Kb / 3P
Plastic-Encapsulate TRANSISTOR
More results

Similar Description - TP2S4805

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
1kVDC Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
Isolated 3W Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1 MURATA-PS-MEA1 Datasheet
249Kb / 8P
1kVDC Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
3W 3KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com