Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9446 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9446
Description  2.5V and 3.3V LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9446 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9446 Datasheet HTML 1Page - Motorola, Inc MPC9446 Datasheet HTML 2Page - Motorola, Inc MPC9446 Datasheet HTML 3Page - Motorola, Inc MPC9446 Datasheet HTML 4Page - Motorola, Inc MPC9446 Datasheet HTML 5Page - Motorola, Inc MPC9446 Datasheet HTML 6Page - Motorola, Inc MPC9446 Datasheet HTML 7Page - Motorola, Inc MPC9446 Datasheet HTML 8Page - Motorola, Inc MPC9446 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9446
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9446 Logic Diagram
0
1
0
1
0
1
0
1
CLK ÷ 2
MR/OE
CCLK0
CCLK1
FSELA
FSELB
FSELC
CCLK_SEL
QA0
QA1
QA2
QB0
QB1
QB2
QC0
QC1
QC2
QC3
CLK
Bank A
Bank B
Bank C
VCCA
QA2
GND
QA1
VCCA
QA0
GND
QC3
GND
QC2
VCCC
QC1
GND
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MPC9446
VCCB is internally connected to VCC
Figure 2. Pinout: 32--Lead Package Pinout (Top View)
MR/OE
QC0
VCCC
25k
25k
25k
25k
25k
25k
25k
VCC
VCC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com