Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9446 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9446
Description  2.5V and 3.3V LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9446 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9446 Datasheet HTML 1Page - Motorola, Inc MPC9446 Datasheet HTML 2Page - Motorola, Inc MPC9446 Datasheet HTML 3Page - Motorola, Inc MPC9446 Datasheet HTML 4Page - Motorola, Inc MPC9446 Datasheet HTML 5Page - Motorola, Inc MPC9446 Datasheet HTML 6Page - Motorola, Inc MPC9446 Datasheet HTML 7Page - Motorola, Inc MPC9446 Datasheet HTML 8Page - Motorola, Inc MPC9446 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9446/D
Rev 1, 03/2002
1
© Motorola, Inc. 2002
2.5V and 3.3V LVCMOS Clock
Fanout Buffer
The MPC9446 is a 2.5V and 3.3V compatible 1:10 clock distribution
buffer designed for low-voltage mid-range to high-performance telecom,
networking and computing applications. Both 3.3V, 2.5V and dual supply
voltages are supported for mixed-voltage applications. The MPC9446
offers 10 low-skew outputs and 2 selectable inputs for clock redundancy.
The outputs are configurable and support 1:1 and 1:2 output to input
frequency ratios. The MPC9446 is specified for the extended temperature
range of --40°Cto85°C.
Features
• Configurable 10 outputs LVCMOS clock distribution buffer
• Compatible to single, dual and mixed 3.3V/2.5V voltage supply
• Wide range output clock frequency up to 250 MHz
• Designed for mid-range to high-performance telecom, networking and
computer applications
• Supports applications requiring clock redundancy
• Max. output skew of 200 ps (150 ps within one bank)
• Selectable output configurations per output bank
• Tristable outputs
• 32 ld LQFP package
• Ambient operating temperature range of --40 to 85°C
Functional Description
The MPC9446 is a full static fanout buffer design supporting clock
frequencies up to 250 MHz. The signals are generated and retimed
on-chip to ensure minimal skew between the three output banks. Two
independent LVCMOS compatible clock inputs are available. This feature
supports redundant clock sources or the addition of a test clock into the
system design. Each of the three output banks can be individually
supplied by 2.5V or 3.3V supporting mixed voltage applications. The
FSELx pins choose between division of the input reference frequency by
one or two. The frequency divider can be set individually for each of the
three output banks. The MPC9446 can be reset and the outputs are
disabled by deasserting the MR/OE pin (logic high state). Asserting
MR/OE will enable the outputs.
All inputs accept LVCMOS signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated
50 Ω transmission lines. Please consult the MPC9456 specification for a 1:10 mixed voltage buffer with LVPECL compatible
inputs. For series terminated transmission lines, each of the MPC9446 outputs can drive one or two traces giving the devices an
effective fanout of 1:20. The device is packaged in a 7x7 mm2 32-lead LQFP package.
FA SUFFIX
LQFP PACKAGE
CASE 873A
MPC9446
LOW VOLTAGE SINGLE OR
DUAL SUPPLY 2.5V AND 3.3V
LVCMOS CLOCK
DISTRIBUTION BUFFER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9446

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
MPC9446ACR2 IDT-MPC9446ACR2 Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
More results

Similar Description - MPC9446

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com