Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS05 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSLS05
Description  PSLS05 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSLS05 Datasheet HTML 1Page - Wall Industries,Inc. PSLS05 Datasheet HTML 2Page - Wall Industries,Inc. PSLS05 Datasheet HTML 3Page - Wall Industries,Inc. PSLS05 Datasheet HTML 4Page - Wall Industries,Inc. PSLS05 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
PSLS05 SERIES
Up to 5 Watts
AC/DC Converter
Single Output
8/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25
+85
ºC
Storage Temperature
-40
+105
ºC
Storage Humidity
85
%RH
Welding Temperature
Wave-Soldering
260±5ºC; time: 5~10s
Manual-Welding
360±10ºC; time:3~5s
Power Derating
-25ºC~0ºC
0.8
%/ºC
+55ºC~+85ºC
1.33
MTBF
MIL-HDBK-217F @25ºC
300,000
Hours
GENERAL SPECIFICATIONS
Efficiency
230VAC, % typ.
See Table
Switching Frequency
100
kHz
Isolation Voltage
Input to Output (Test Time: 1min (leakage current setting value: 5mA)
3000
VAC
PHYSICAL SPECIFICATIONS
Weight
0.25oz (7g)
Dimensions (L x W x H)
1.65in x 0.73in x 0.54in
(42mm x 18.50mm x 13.65mm)
Cooling
Free Air Convection
SAFETY CHARACTERISTICS
Safety Approvals
IEC60950
EN60950
UL6090
Safety Regulated Certification
EN60950
UL60950
Safety Class
Class II
EMI
Conducted Disturbance
CISPR22/EN55022(1)
CISPR22/EN55022(2)
Class A
Class B
Radiated Emission
CISPR22/EN55022(1) (2)
Class B
Electrostatic Discharge
IEC/EN61000-4-2
Contact ±4kV
Perf. Criteria B
Radiated Immunity
IEC/EN61000-4-3
10V/m
Perf. Criteria A
EFT
IEC/EN61000-4-4
±2kV(1)
Perf. Criteria B
IEC/EN61000-4-4
±4kV(2)
Perf. Criteria B
Surge Immunity
IEC/EN61000-4-5
±1kV/2kV(1) (2)
Perf. Criteria B
Conducted Disturbance
IEC/EN61000-4-6
3Vr.m.s.(2)
Perf. Criteria A
Immunity For Power
IEC/EN61000-4-8
10A/m
Perf. Criteria A
Immunities of Voltage Dip, Drop
and Short Interruption
IEC/EN61000-4-11
0%-70%
Perf. Criteria B
NOTES
1. See Fig. 1 for recommended circuit.
2. See Fig. 2 for recommended circuit
3. Module required dispensing fixed after assembled.
4. This part is open frame, at least 6.4mm safety distance between the primary and secondary external components of the module is needed to
meet the safety requirements.
5. All index testing methods are based on company’s corporate standards.
6. Performance indexes of the product models listed in this data sheet are as above, but some indexes of non-standard model products will
exceed above mentioned requirements. Please contact factory for specific info.
7. Customization is available.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com