Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLS05
Description  PSLS05 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLS05 Datasheet HTML 1Page - Wall Industries,Inc. PSLS05 Datasheet HTML 2Page - Wall Industries,Inc. PSLS05 Datasheet HTML 3Page - Wall Industries,Inc. PSLS05 Datasheet HTML 4Page - Wall Industries,Inc. PSLS05 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
PSLS05 SERIES
Up to 5 Watts
AC/DC Converter
Single Output
8/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size: 1.65in x 0.73in x 0.54in (42mm x 18.50mm x 13.65mm)
FEATURES
• Wide Input Voltage Range:
85~264VAC/100~400VDC
• Ultra-Slim SIP Package
• Industrial Grade
• Isolation of 3000VAC
• Over Voltage, Over Current and
Short Circuit Protection
• RoHS Compliant
• IEC60950, UL60950, and
EN60950 Safety Approvals
DESCRIPTION
The PSLS05 series of AC/DC converters offers up to 5 watts of
output power in an ultra slim 1.65” x 0.73” x 0.54” SIP package. This
series consists of single output models with a wide input voltage
range of 85~264VAC/100~400VDC. Each model in this series is
industrial grade, has isolation of 3000VAC, and is RoHS compliant.
This series also has IEC60950, UL60905, and EN60950 safety
approvals and is RoHS compliant.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Maximum Capacitive Load
Efficiency
Output Power
PSLS05-15B03SS
100-240VAC
(100-400VDC)
3.3V
1A
2200µF
67%
3.3W
PSLS05-15B05SS
5V
1A
1500µF
74%
5W
PSLS05-15B09SS
9V
0.56A
680µF
75%
PSLS05-15B12SS
12V
0.42A
470µF
76%
PSLS05-15B15SS
15V
0.34A
330µF
77%
PSLS05-15B24SS
24V
0.21A
100µF
79%
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
Conventional
100
240
VAC
AC Input
85
264
DC Input
100
400
VDC
Input Frequency
47
63
Hz
Input Current
115VAC
0.2
A
230VAC
0.1
Inrush Current
115VAC
5
A
230VAC
10
Leakage Current
CY0 is 1nF/400VAC
0.25
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
3.3V Model
±2
±3
%
All Other Models
±1
±2
Line Regulation
Full Load
±0.1
±0.5
%
Load Regulation
10%-100% Load
±1
±1.5
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise
20MHz bandwidth (peak-peak value)
50
150
mV
Temperature Drift Coefficient
±0.02
%/ºC
Stand-By Power Consumption
0.5
W
Min Load
0
%
Hold Up Time
115VAC Input
20
mS
230VAC Input
80
PROTECTION
Short Circuit Protection
Continuous, Self-Recovery
Over Current Protection
≥110%Io, Self-Recovery
Over Voltage Protection
Zener Clamp Diode


Similar Part No. - PSLS05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS05 WALL-PSLS05 Datasheet
807Kb / 6P
Isolation of 3000VAC
PSLS05-15B03SS WALL-PSLS05-15B03SS Datasheet
807Kb / 6P
Isolation of 3000VAC
PSLS05-15B05SS WALL-PSLS05-15B05SS Datasheet
807Kb / 6P
Isolation of 3000VAC
PSLS05-15B09SS WALL-PSLS05-15B09SS Datasheet
807Kb / 6P
Isolation of 3000VAC
PSLS05-15B12SS WALL-PSLS05-15B12SS Datasheet
807Kb / 6P
Isolation of 3000VAC
More results

Similar Description - PSLS05

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com