Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS05C Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # PSLS05C
Description  PSLS05C SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05C Datasheet(HTML) 6 Page - Wall Industries,Inc.

  PSLS05C Datasheet HTML 1Page - Wall Industries,Inc. PSLS05C Datasheet HTML 2Page - Wall Industries,Inc. PSLS05C Datasheet HTML 3Page - Wall Industries,Inc. PSLS05C Datasheet HTML 4Page - Wall Industries,Inc. PSLS05C Datasheet HTML 5Page - Wall Industries,Inc. PSLS05C Datasheet HTML 6Page - Wall Industries,Inc. PSLS05C Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev A
PSLS05C SERIES
5 Watts
AC/DC Converter
Single Output
11/4/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
EMC RECOMMNEDED CIRCUIT
Figure 3: Recommended circuit for applications which require higher EMC standard.
EMC RECOMMNEDED CIRCUIT PCB LAYOUT
Figure 4: EMC application circuit PCB layout
Safety and Recommended Wiring: linewidth
≥3mm, line-line distance≥6mm, line-ground distance ≥6mm, A≥6.4mm
EXTERNAL CIRCUIT PARAMETERS
Model
C1
(Required)
C2
(Required)
L1
(Required)
C3
(Required)
CX1
C4
CY0
FUSE
(Required)
TVS
PSLS05C-15B03S(-F)
22µF/400V
470µF/10V
0.47uH
150µF/35V
0.1µF/275VAC
100nF/50V
1nF/400
VAC
1A/250V
SMBJ7.0A
PSLS05C-15B05S(-F)
470µF/16V
PSLS05C-15B09S(-F)
300µF/25V
1uH
150µF/35V
SMBJ12A
PSLS05C-15B12S(-F)
SMBJ20A
PSLS05C-15B15S(-F)
PSLS05C-15B24S(-F)
100µF/35V
4.7uH
47µF
SMBJ30A
Notes:
1. C1, C2, and C3 are electrolytic capacitors. They are required for both AC input and DC input,
When AC input, C1 is used as filter capacitor, the value of C1 is recommended to be 22µF/400V. When DC input, C1 is used as EMC filter capacitor, the
value of C1 is recommended to be 10µF/400V (when the input voltage is above 370VDC, the recommended value of C1 is 10µF/450V). C2 and C3 are
output filer capacitors, they are recommended to be high frequency and low impedance electrolytic capacitors. Capacitance and rated ripple current of
capacitors refer to the datasheets provided. Voltage derating of capacitors should be 80% or above. C4 is a ceramic capacitor, which is used to filter
high frequency noise. C2, C3 and L1 form a pi-type filter circuit. Current of L1 refer to the datasheets provided by the manufacturers, current derating
should be 80% or above. To protect post-circuits (if converter fails), TVS is recommended. External NTC thermistor is recommended to be 5D-9.
External input MOV is recommended to use S14K350.
2. For Standard EMC requirement, please refer to figure 1. If higher EMC requirement, please refer to figure 3, recommended parameters are shown in
table below.
Recommended Parameter for Higher EMC Standard Circuit
Components
Recommend Parameter
MOV2
S10K300
CY1, CY2
1nF/400VAC
CX
0.1µF/275VAC
LCM
3.5mH
LDM
5mH
FC-L01DV1
1KV/2KV Surge Protector
FUSE
1A/250V, slow blow, it must be connected to FUSE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com