Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS05C Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLS05C
Description  PSLS05C SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05C Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLS05C Datasheet HTML 1Page - Wall Industries,Inc. PSLS05C Datasheet HTML 2Page - Wall Industries,Inc. PSLS05C Datasheet HTML 3Page - Wall Industries,Inc. PSLS05C Datasheet HTML 4Page - Wall Industries,Inc. PSLS05C Datasheet HTML 5Page - Wall Industries,Inc. PSLS05C Datasheet HTML 6Page - Wall Industries,Inc. PSLS05C Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev A
PSLS05C SERIES
5 Watts
AC/DC Converter
Single Output
11/4/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
Size: 1.65in x 0.98in x 0.43in (42mm x 25mm x 11mm)
FEATURES
• AC/DC Input Range of 85~264V
• High Efficiency
• RoHS Compliant
• Low Loss, Green Power
• Ultra-Miniature Package
• Optional 90 Degree Corner Package (-F)
• Over Current, Over Voltage, and Short Circuit
Protection
• Coated Package
• UL60950/EN60950 Standards
DESCRIPTION
The PSLS05C series of AC/DC converters offers up to 5 watts of output power in an
ultra-compact 1.65” x 0.98” x 0.43” package. This series consists of coated single
output models with a wide AC/DC input of 85~264V (100~400V). Each model in this
series is RoHS compliant, has over current, over voltage, and short circuit protection,
and has high efficiency. This series meets UL60950/EN60950 standards.
MODEL SELECTION TABLE
Model Number(1)
Input Voltage Range Output Voltage Output Current Ripple & Noise
Standby
Power
Output
Power
Maximum
Capacitive Load
Efficiency
PSLS05C-15B03S
AC: 85~264V
DC: 100~400V
3.3V
1000mA
150mV
0.5W Max.
3.3W
220µF
65%
PSLS05C-15B05S
5V
1000mA
120mV
5W
220µF
70%
PSLS05C-15B09S
9V
560mA
120mV
5W
100µF
72%
PSLS05C-15B12S
12V
420mA
120mV
5W
100µF
74%
PSLS05C-15B15S
15V
340mA
120mV
5W
100µF
75%
PSLS05C-15B24S
24V
210mA
150mV
5W
100µF
75%
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
AC Input
85
264
V
DC Input
100
400
Input Frequency
47
440
Hz
Input Current
115VAC
0.2
A
230VAC
0.1
Inrush Current
115VAC
20
A
230VAC
30
Leakage Current
CY0 is 1nF/400VAC
0.25
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
3.3V Model
±2.0
±3.0
%
Other Models
±1.0
±2.0
Line Regulation
Full Load
±0.1
±0.5
%
Load Regulation
10% to 100%
±1.0
±0.5
%
Output Power
See Table
Output Current
See Table
Minimum Load
10
%
Maximum Capacitive Load
See Table
Ripple & Noise(3)
(20MHz bandwidth)
50
120
mVp-p
Hold Up Time
115VAC
20
mS
230VAC
80
Temperature Coefficient
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Current Protection
≥110%Io, Automatic Recovery
Over Voltage Protection
Zener Diode Clamp
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25
+85
ºC
Storage Temperature
-40
+105
ºC
Surface Temperature
+100
ºC
Storage Humidity
85
%RH
Power Derating
-25ºC~0ºC
0.8
%/ºC
+55ºC+85ºC
1.33
Welding Temperature
Wave Soldering
260±5ºC; time:5~10s
Manual Welding
360±10ºC; time:3~5s
MTBF
@25ºC
300,000
Hours


Similar Part No. - PSLS05C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS05 WALL-PSLS05 Datasheet
490Kb / 5P
PSLS05 SERIES
PSLS05 WALL-PSLS05 Datasheet
807Kb / 6P
Isolation of 3000VAC
PSLS05-15B03SS WALL-PSLS05-15B03SS Datasheet
490Kb / 5P
PSLS05 SERIES
PSLS05-15B03SS WALL-PSLS05-15B03SS Datasheet
807Kb / 6P
Isolation of 3000VAC
PSLS05-15B05SS WALL-PSLS05-15B05SS Datasheet
490Kb / 5P
PSLS05 SERIES
More results

Similar Description - PSLS05C

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com