Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFMULT Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # IFMULT
Description  Multi-band MicroSphere Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IFMULT Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  IFMULT Datasheet HTML 1Page - Laird Tech Smart Technology IFMULT Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
SpecIfIcatIonS
element type
Microstrip
frequency Range
aMpS 806-896 MHz
GSM 880-960 MHz
DcS 1710-1880 MHz
pcS 1850-1990 MHz
UMtS 1920-2170 MHz
peak Gain
3 dBi
polarization
Linear
Impedance
50 ohms
Maximum Input power
50 watts
VSWR
2:1
Dimensions (L x W x H)
11.2 x 13.8 x .25 cm
Housing
acrylic
operating/Storage temperature
-40º to +70ºc
MoDeL #
RefeRence #
connectoR
IfMULt-nf00
caf94454
n-female
IfMULt-SfRa00
caf94533
R.a. SMa female panel
IfMULt-Sf00
caf94362
SMa female panel
MOunting OPtiOnS
•Includesnylonscrewsformountingtoceilingtileorfinishedceiling
ANT-DS-IFMULT 0909
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2009 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
Multi-band MicroSphere Antenna
IFMULT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com