Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFMULT Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # IFMULT
Description  Multi-band MicroSphere Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IFMULT Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  IFMULT Datasheet HTML 1Page - Laird Tech Smart Technology IFMULT Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Technology
for a Connected World
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
Multi-band MicroSphere Antenna
IFMULT
Multi-bAnd OMnidirectiOnAl in-building AntennA
The widespread use of cellular phones and wireless network applications inside buildings has increased the
need for antenna systems that can provide considerable gain over traditional dipole antennas.
Laird Technologies’ in-building wireless antennas are particularly applicable in environments where aesthetics
and wide angle coverage are necessary for successful wireless deployment. Their surprisingly small size allow
the antennas to be hidden almost anywhere, providing an invisible solution for most applications.
FeAtureS
• Surprisingly small size allows it to be hidden almost anywhere,
providing an invisible solution for many applications.
• The field pattern is toroidal, providing omni-directional
coverage in any plane around the long axis of the antenna,
and two lobes in any plane parallel to the long axis.
MArketS
• The omni-directional pattern is suited to a variety
of uses, including handheld devices, in-building
systems or other applications where mobility is
a factor.
Azimuth
Elevation, Phi=0
Elevation, Phi=90
AntennA PAtternS


Similar Part No. - IFMULT

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
IFMD HAMMOND-IFMD Datasheet
159Kb / 4P
Armoire autoportante modulaire pour sectionneur en acier doux de type 12
IFMD18105 HAMMOND-IFMD18105 Datasheet
159Kb / 4P
Armoire autoportante modulaire pour sectionneur en acier doux de type 12
IFMD18105 HAMMOND-IFMD18105 Datasheet
78Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
IFMD18106 HAMMOND-IFMD18106 Datasheet
159Kb / 4P
Armoire autoportante modulaire pour sectionneur en acier doux de type 12
IFMD18106 HAMMOND-IFMD18106 Datasheet
78Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - IFMULT

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
IF2100 LSTD-IF2100 Datasheet
1Mb / 1P
UMTS MicroSphere Antenna
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
2.4 GHz MicroSphere Antenna
IF450 LSTD-IF450 Datasheet
1Mb / 1P
450 MHz MicroSphere Antenna
IF900 LSTD-IF900 Datasheet
1Mb / 1P
900MHz MicroSphere Antenna
IF1800 LSTD-IF1800 Datasheet
1Mb / 1P
1800 MHz MicroSphere Antenna
IF1900 LSTD-IF1900 Datasheet
780Kb / 1P
1900 MHz MicroSphere Antenna
IF850 LSTD-IF850 Datasheet
1Mb / 1P
850MHz MicroSphere Antenna
logo
Taoglas antenna solutio...
PA.25A TAOGLAS-PA.25A Datasheet
1Mb / 20P
High Efficiency Multi-Band SMD Antenna
PCS.07.A TAOGLAS-PCS.07.A Datasheet
1Mb / 13P
High Efficiency Multi-Band SMD antenna
PA.25-ANAM TAOGLAS-PA.25-ANAM Datasheet
1Mb / 20P
High Efficiency Multi-Band SMD Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com