Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9832 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM9832 Datasheet HTML 21Page - National Semiconductor (TI) LM9832 Datasheet HTML 22Page - National Semiconductor (TI) LM9832 Datasheet HTML 23Page - National Semiconductor (TI) LM9832 Datasheet HTML 24Page - National Semiconductor (TI) LM9832 Datasheet HTML 25Page - National Semiconductor (TI) LM9832 Datasheet HTML 26Page - National Semiconductor (TI) LM9832 Datasheet HTML 27Page - National Semiconductor (TI) LM9832 Datasheet HTML 28Page - National Semiconductor (TI) LM9832 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25
www.national.com
When the Resume Scan signal is received, the stepper motor
controller waits the appropriate number of pixel periods after the
next TR pulse and then starts stepping again at the normal rate.
The first new line transmitted is determined by the Lines to Dis-
card After Resume Scan Signal register. The discard value
must be the same as the value in the Lines to Process After
Pause Scan Signal register.
4.4 Pause Behavior - Reversing Mode
If the Full Steps to Reverse When Buffer is Full register is >0,
then the Reversing Mode is enabled.
The Reversing Mode eliminates spatial distortion due to the
pausing of a scan. When the Pause Scan signal is received, the
line currently being processed is completed and stored in RAM
(line “b” in Figure 17). When the scan resumes, ideally the
LM9832 would send out lines “c” and after under the exact same
speed and positional conditions the scanner was in before the
scan paused (as indicated by the dotted line in Figure 17).
When the Pause Scan signal is received, the LM9832 processes
the remainder of the line currently being read from the CCD (line
b), and stores the offset (in pixel periods) between the last TR
pulse and the last step. It then stops, reverses, stops, and waits
for the Resume Scan signal. Once Resume Scan is asserted, the
motor controller waits for the previously stored number of pixels
periods, then starts moving forward again, maintaining the same
phase relationship between the TR pulse and the stepper motor
control signals. The result is as if the stepper motor had never
paused.
Stopping, reversing, and resuming forward motion all follow the
curve programmed in the Acceleration Profile configuration reg-
ister. There are 3 segments (Stopped, 25%, and 50%), and the
number in each register indicates the number of full steps to stay
at that acceleration. A value of 0 indicates that that segment is to
be skipped. For example, a value of 0 in all three registers would
mean that the motor would instantly reverse when the buffer is
full, then instantly stop after going back the specified number of
lines.
This acceleration profile is used any time the motor is started,
stopped, or reversed.
The acceleration profile for stopping, reversing, stopping, and
going forward again is this:
• Full speed forward (1 microstep = #pixels in Scanning Step
Size register) until the Pause Scanning signal is received.
• 50% speed forward for z full steps (1 microstep = 2* #pixels in
Fast Feed Step Size register)
• 25% speed forward for y full steps (1 microstep = 4*#pixels in
Fast Feed Step Size register)
• Stopped for x full steps (1 microstep = #pixels in Fast Feed
Step Size register).
• 25% speed backward for y full steps (1 microstep = 4*#pixels in
Fast Feed Step Size register)
• 50% speed backward for z full steps (1 microstep = 2* #pixels in
Fast Feed Step Size register)
• Full speed backward (1 microstep = #pixels in Fast Feed Step
Size register) for number of microsteps in the Steps to
Reverse register
• 50% speed backward for z full steps (1 microstep = 2* #pixels in
Fast Feed Step Size register)
• 25% speed backward for y full steps (1 microstep = 4*#pixels in
Value
Additional Lines to Store in DRAM
0
0(a only)
1
1 (a and b)
2
2 (a, b and c)
...
...
77
Figure 14: Lines to Process after Pause Scan Signal Register
Value
First Line to Transmit After Pause
0b
1c
2d
...
...
7i
Figure 15: Lines to Discard After Resume Scan Signal
Register
Figure 16: Stepper Motor Resuming
TR
Microstep
Pulse
Resume
Scanning
Signal
ab
c
d
Speed
Register
DAC output
Stopped
(x = 0 to 3)
x = number of full step clocks to wait
before reversing motor.
25%
(y = 0 to 3)
y = number of full steps at 25% of final
speed. Full step period = 4 full step
clocks.
50%
(z = 0 to 3)
z = number of full steps at 50% of final
speed. Full step period = 2 full step
clocks.
Figure 18: Acceleration Profile Settings
Figure 17: Reversing - The Goal
TR
Microstep
Pulse
Pause
Scanning
Signal
ab
c
d
Microstep Pulse
(if motor had not
paused)
e
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com