Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9832 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM9832 Datasheet HTML 33Page - National Semiconductor (TI) LM9832 Datasheet HTML 34Page - National Semiconductor (TI) LM9832 Datasheet HTML 35Page - National Semiconductor (TI) LM9832 Datasheet HTML 36Page - National Semiconductor (TI) LM9832 Datasheet HTML 37Page - National Semiconductor (TI) LM9832 Datasheet HTML 38Page - National Semiconductor (TI) LM9832 Datasheet HTML 39Page - National Semiconductor (TI) LM9832 Datasheet HTML 40Page - National Semiconductor (TI) LM9832 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37
www.national.com
0003: 0000 0000 0000 1100
0031: 0000 0000 0111 1100
4096: 0100 0000 0000 0000
13.1.5 Pixel Rate Shading Multiplier
The shading multiplier uses all 16 bits of data.
There is an important difference between the pixel rate shading
multiplier of the LM9830 and the LM9832. In the LM9830, if the
value for the shading multiplier was 0, the gain through the multi-
plier was 1V/V. The LM9830 also had 3 multiplier gain ranges: 1
to 1.5, 1 to 2.0, and 1 to 3.0 V/V.
The LM9832 has a simpler multiplier with only one gain range: 0
to 4 V/V. The gain of the multiplier is
Gain = (gain code)/16384 V/V
Note that if the gain code = 0, then the pixel is multiplied by 0! In
other words, if the gain coefficient is set to 0, the output of the
multiplier will be all 0s. A gain code of 0 was not unusual for the
LM9830, but will not work with the LM9832. To maintain a mini-
mum gain of 1V/V, make sure the gain code is 16384 or higher.
If desired, gains between 0 and 1 V/V can be used, but they will
usually result in less dynamic range and noisier images.
13.1.6 The Gamma Table
The LM9832’s 3 gamma tables are 12 bits wide, instead of 10 bits
(LM9830). This means each gamma curve has 4 times the num-
ber of datapoints and you can now get 4 times the accuracy avail-
able with the LM9830.
Since most consumer CCDs have a true SNR of less than 12 bits,
the LM9832 does not support a 14 bit gamma table, freeing up an
additional 36kwords of DRAM memory.
13.1.7 General DataPort Information
There have been several important changes to the dataport.
The read-only Pause bit is now in register 3. You can write this bit
in order to write to the other bits in the register, but anything you
write to the Pause bit will be ignored.
There are now 2 bits to select between Offset Coefficients, Gain
Coefficients, and Gamma data.
In the LM9830, Offset and Gain coefficients were combined to
make one 16 bit word, written to register 6 as 2 bytes.
In the LM9832, Offset is a 16 bit word, and Gain is a 16 bit word.
Offset and Gain data each have a separate dataport address.
Register 5 will auto increment after 2 bytes are written to register
6 in Offset mode or Gain mode (reg03b1 = 0).
Gamma data is 8 bits wide, as in the LM9830. Register 5 will auto
increment after 1 gamma byte is written to register 6 in Gamma
mode (reg03b1 = 1).
The bit locations for selecting color (R, G, or B), have been
shifted left by 1 bit.
The DataPort address width is now 14 bits wide. This caused the
R/W bit to be shifted left by 1 bit.
When using 1 Channel Grayscale, the LM9830 ignored the color
bits in register 3. This has been fixed in the LM9832. Register 3
controls the gamma table color.
Make sure your software takes all of these changes into account.
13.2 Porting Step 2
Once your TWAIN driver is operating with the LM9832, you can
start taking advantage of the LM9832’s additional features.
13.2.1 1200 DPI
The LM9832 can support line widths up to 16384 pixels x 3 col-
ors. This allows 1200dpi scanners with a maximum width of 13.6”
(B-size).
13.2.2 Integration Time Adjustment Function
Due to DRAM speed limitations, the maximum speed at which the
LM9832 can store pixels is 1MHz. The ADC can run at speeds up
to 6MHz, but only when the HDPI divider is set to divide-by-6 or
greater, which results in a pixel rate of 1MHz or less.
This can be a challenge when scanning at high resolutions. For
example, a 600dpi 8.5” wide color CCD scanner digitizes 15,300
pixels/line. At a 1MHz rate, the resulting integration time
is15.3ms. Integration times above 10ms may be problematic in
some designs.
To allow shorter integration times without violating the 1MHz max
pixel rate, the LM9832 has an Integration Time Adjust (ITA) func-
tion (Figure 47). ITA generates 2 alternating timebases for the
CCD timing, a high frequency timebase, and a lower frequency
timebase. During the high frequency timebase, the integration
time (tINT1) is short, as short as the total number of pixels in a line
divided by 6MHz. (Using the previous example, that would be
2.5ms). During tINT1, data is clocked out of the CCD but it is not
digitized by the AFE. The CCD output signal (representing line “n-
1”) is discarded.
After the short integration time, the clock is slowed for the next
integration time (tINT2). Integration for line “n+1” is done during
this period. Since tINT2 is longer, there is more time to read out
pixel data for line “n”. As long as tINT2 corresponds to a pixel rate
of 1MHz or slower, the line can be digitized and written to the
DRAM.
tINT 1 is determined by the traditional calculations, primarily the
discard
Figure 47: Integration Time Adjust Function
TR
tINT1
tINT2
line n
line n+1
line n-1
tINT2 = ITA * tINT1
Pixel
Data
line n
line n-2
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com