Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM461 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # BTM461
Description  Enhanced Class II Bluetooth Data Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM461 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  BTM461 Datasheet HTML 1Page - Laird Tech Smart Technology BTM461 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BTM46x Series
Enhanced Class II Bluetooth Data Module
CATEGORIES
FEATURE
IMPLEMENTATION
Wireless Specification
Bluetooth®
V2.1 + EDR
Frequency
2.402 - 2.480 GHz
Max Transmit Power
Class 2
+4 dBm from antenna (BTM461)
Receive Sensitivity
Better than -84 dBm
Range
Up to 30 metres
Data Rates
Up to 2.1 Mbps (over the air)
UART Data Transfer Rate
Circa 350 kbps
Host Interface
UART
TX, RX, DCD, RI, DTR, DSR, CTS, RTS
Default 9600, n,8, 1
From 1,200 to 921,600 bps
GPIO
6 configurable lines
Profiles
SPP
Serial Port Profile
HID
Human Interface device
iAP
Apple’s iPod Accessory Protocol
Control Protocols
AT Command Set
Multi-Point API
Supply Voltage
Supply
3.0 to 3.3 V
I/O
1.7 to 3.6 V (independent of Vcc)
Power Consumption
Current
Idle (sleep) < 3 mA
Connectable & Discoverable < 23.5 mA
Antenna Option
Internal
Multilayer ceramic
Physical
Dimensions
12.5 x 22.0 x 3.4 mm
Environmental
Operating
-40˚ C to +85˚ C
Miscellaneous
Lead Free
Lead-free and RoHS compliant
Warranty
1 Year
Approvals
Bluetooth®
End Product Listing (EPL)
FCC / IC / CE / MIC
All BTM46x Series
Ordering Information
BTM461
Enhanced Class II Bluetooth Data Module (integrated antenna)
DVK-BTM461
Development Kit for BTM461 Module
CONN-DS-BTM46x
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All
specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies
materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or
non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall
not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and
other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird
Technologies or any third party intellectual property rights.
Revision History
Version
Date
Changes
Approved By
1.0
16 Oct 2013
Initial
J. Kaye



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com