Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM461 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # BTM461
Description  Enhanced Class II Bluetooth Data Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM461 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  BTM461 Datasheet HTML 1Page - Laird Tech Smart Technology BTM461 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BTM46x Series
Enhanced Class II Bluetooth Data Module
USA: +1.800.492.2320
Europe: +44.1628.858.940
Asia: +852.2923.0610
wirelessinfo@lairdtech.com
www.lairdtech.com/bluetooth
Every BTM46x-series Bluetooth
® module from Laird Technologies is designed to add
robust, short-range Bluetooth data connectivity to any device. The BTM46x
modules build on the proven BTM4xx series of module hardware based on the
market-leading Cambridge Silicon Radio (CSR) BC04 chipset. The innovative
firmware on the BTM46x series allows OEMs to seamlessly support Bluetooth data
connectivity to and from all PCs, smartphones and tablets including Apple iOS
devices. The BTM46x modules are approved by Apple as part of their MFi program
(Made for iPod / iPhone / iPad).
The BTM46x modules abstract the OEM from the intricacies of Apple’s iAP protocol
by handling all iAP commands, authentication and communication with the Apple
authentication co-processor. The module enables Apple licensees to leverage
Bluetooth data connectivity, via the iAP protocol into their MFI accessories, and
enables rapid time to market for their products.
With a compact footprint of 12.5 x 22 mm, the modules deliver maximum range
with a minimum size. To ease integration, the modules are designed to support a
separate power supply for I/O. Another integration advantage is the inclusion of a
complete Bluetooth v2.1 protocol stack with support for multi-point connections
and numerous Bluetooth profiles, including Serial Port Profile (SPP), HID (Human
Interface Device) and Apple’s iAP protocol. BTM46x modules are fully qualified as
Bluetooth End Products, enabling designers to integrate the modules in devices
without the need for further Bluetooth Qualification.
An integrated AT command processor interfaces to the host system over a serial
port using an extensive range of AT commands. The AT command set abstracts the
Bluetooth protocol from the host application, saving many months of programming
and integration time. It provides extremely short integration times for data oriented
Bluetooth applications. Included firmware provides programming support for multi-
point applications that use up to seven simultaneous data connections to and from
the robust BTM46x modules.
It is required that any OEMs who are looking to design any product that connects
to iPhones, iPads, and iPods using the iAP protocol must be registered with Apple’s
MFi programme. The first port of call for OEMs looking to develop in this area is to
sign up with the MFi programme at https://developer.apple.com/programs/mfi/ with
additional FAQs available at http://mfi.apple.com/faqs.
Once the OEM has become an Apple licensee, Laird can supply the BTM46x module
and associated detailed documentation.
Features & Benefits
Application Areas
Bluetooth v2.1 + EDR
Comprehensive AT command set
Bluetooth EPL
FCC, IC, CE and MIC approvals
Compact Footprint
Class 2 output – 4 dBm
UART interface with GPIO
Industrial Temperature range
Support for SPP, HID and Apple’s iAP
Medical devices
ePOS terminals
Barcode Scanners
Industrial Cable
Replacement
Smartphone / Tablet
‘Appcessories’
The details of this document are subject to change. Download the product
specification from www.lairdtech.com/bluetooth for the most current specification.


Similar Part No. - BTM461

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
BTM46 APEX-ELECTRONICS-BTM46 Datasheet
1Mb / 11P
Toggle switch, multiple circuitry, termination, and caps
More results

Similar Description - BTM461

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
Bluetooth Module Class 2
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
Bluetooth Module Class 2
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
Bluetooth Class 1 Module
26-Jan-2007
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
Bluetooth Class 2 Module
28-Feb-2007
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
Class 2 Bluetooth??Module
logo
STMicroelectronics
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
Bluetooth class 1 module
21-Dec-2006
logo
List of Unclassifed Man...
BT740 ETC2-BT740 Datasheet
327Kb / 2P
Enhanced Class 1 Bluetooth v2.1 Module
logo
Laird Tech Smart Techno...
BT740 LSTD-BT740 Datasheet
1Mb / 31P
Enhanced Class 1 Bluetooth v2.1 Module
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
Enhanced Class 1 Bluetooth v2.1 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com