Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIM20 Datasheet(PDF) 2 Page - Recom International Power

Part # REDIM20
Description  suitable for energy-saving lamps, dimmable LED lamps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIM20 Datasheet(HTML) 2 Page - Recom International Power

  REDIM20 Datasheet HTML 1Page - Recom International Power REDIM20 Datasheet HTML 2Page - Recom International Power REDIM20 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC/DC Converter
L-2
REV.: 1/2016
www.recom-power.com
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
REDIM
Series
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Plastic
Package Dimension (LxWxH)
71.0 x 71.0 x 35mm
Package Weight
70g
Connection
Input
Output
Screw Terinal (1.5-2.5mm²)
Screw Terinal (1.5-2.5mm²)
Dimension Drawing (mm)
cable input
4.0
Adapter to Ø6mm
cut
1.0
53.5
Ø3.0
M3
M3
R,L
Fuse
T1AH/250V
REDIM07
230V~ 50Hz
7-110 W/VA
Minimum
Brightness
Phase Angler
Dimmer (LE)
71.0
TOP VIEW
60.00
35.5
23.50
3.5 max.
cable input
53.5
BOTTOM VIEW
Tolerance:
±0.5mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com