Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIM20 Datasheet(PDF) 1 Page - Recom International Power

Part # REDIM20
Description  suitable for energy-saving lamps, dimmable LED lamps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIM20 Datasheet(HTML) 1 Page - Recom International Power

  REDIM20 Datasheet HTML 1Page - Recom International Power REDIM20 Datasheet HTML 2Page - Recom International Power REDIM20 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-1
REV.: 1/2016
www.recom-power.com
Refer to Applications Notes
Leading-
edge
Dimmer
DIMMER
Features
Dimmer
• suitable for energy-saving lamps, dimmable LED
lamps / drivers and low voltage halogen lamps
with magnetic transformers
• with pressure two-way switch and thermal link
• Over Temperature Protected
REDIM
Description
The REDIM series offer dimmers that reliably operate with base loads from 7W. These dimmers and the
RACT20 series LED drivers are ideally matched and provide a smooth dimming curve and deep dimming
down to zero. The basic light level can be adjusted individually and easily for a customized lighting
solution. The warranty is 5 years.
Selection Guide
Part
Input
Output
Number
Voltage Range
Power
[VAC]
[W/VA]
REDIM07
198-264
7-110
REDIM20
198-264
20-250
5 YEAR
warranty
5
Specifications (measured at TA= 25°C, nominal input voltage, rated load)
PROTECTION
Parameter
Type
Value
Over Temperature Protection (OTP)
115°C, thermal shutdown
Input Fuse (1)
REDIM07
REDIM20
1A, slow blow
2A, slow blow
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
max. Case Temperature Range
with derating
-20°C to +80C, Ambient
80°C max.
Derating Graph
-20
100
80
60
40
20
35
0
0
20
40
60
80
100
Ambient Temperature [°C]
Notes:
Note1:
Each dimmer contains a spare fuse inside the black protective cover.
SAFETY AND CERTIFICATIONS
Certificate Type (compliant)
Standard
Switches for household and similar fixed-electrical installations - General requirements
EN-60669-1:2008
Switches for household and similar fixed electrical installations - Particular requirements EN-60669-2-1:2010
EN60669-1 compliant
EN60669-2-1 compliant


Similar Part No. - REDIM20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIM20 RECOM-REDIM20 Datasheet
418Kb / 3P
Leadingedge Dimmer
More results

Similar Description - REDIM20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2028 NXP-UBA2028 Datasheet
136Kb / 21P
600 V dimmable power IC for compact fluorescent lamps
Rev. 01-9 October 2009
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
logo
NXP Semiconductors
UBA2028 NXP-UBA2028_10 Datasheet
206Kb / 23P
600 V dimmable power IC for compact fluorescent lamps
Rev. 02-19 July 2010
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841_13 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 1; 6/13
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
Dimmable LED based lamps
Rev. 1-23 May 2011
logo
Diodes Incorporated
AL8812 DIODES-AL8812 Datasheet
402Kb / 11P
BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
Rev 1
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
suitable for 1-10V dimmable LED drivers
logo
Dialog Semiconductor
IW3659 DIALOG-IW3659 Datasheet
317Kb / 6P
Single-Stage SSL LED Driver for Dimmable Retrofit Lamps up to 25W
logo
Cirrus Logic
CS1615 CIRRUS-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DCController for LED Lamps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com