Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B210LP Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # B210LP
Description  Single-Ended Reflected Type Beam Smoke Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

B210LP Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  B210LP Datasheet HTML 1Page - Gamewell-FCI by Honeywell B210LP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0623 Rev. F page 2 of 2
www.gamewell-fci.com
Description (continued)
The ABD-RT2F is equipped with an integral sensitivity test
feature consisting of a test filter attached to a servo motor
inside the sensor optics. The ABD-RT2F requires an addi-
tional, external power supply. Using the remote test station
Model RTS151, the motor moves the filter in the path of
the light beam, thereby serving as an accurate test of the
receiver sensitivity. This test feature allows the user to
quickly and easily meet the annual maintenance and test
requirements of NFPA 72.
Specifications
Operating Temperature
Range:
-22° F to 131° F
(-30° C to 55° C)
Operating Humidity
Range:
10% to 93 RH
non-condensing
Dimensions:
Detector:
10” H x 7.5” W x 3.3” D
(25.4 H x 19 W x 8.4 D cm)
Reflector:
16-230 ft.
(4.9 x 70.1 m)
7.9” H x 9.1” W
(20 H x 23 W cm)
Voltage Range:
15 to 32 VDC
Alarm Current:
8.5 mA max.
Standby Current:
2 mA max. avg. @ 24 VDC
Ordering Information
Part Number Description
B210LP
Flanged mounting base.
Dimensions: 6.1”
(15.5 cm) diameter.
B210LPBP
Flanged mounting base bulk pack.
Dimensions: 6.1
(15.5 cm) diameter.
ABD-RT2F
Single-ended smoke sensor with integral
sensitivity test.
BEAMLRK
Long range accessory kit (required for
applications with a range over 230 ft.
(70m).
BEAMMMK Multi-mount kit (provides ceiling or wall
mount capability with increased angular
adjustment).
BEAMSMK
Surface mount kit.
RTS151
Remote test station.
RTS151KEY Remote test station with key lock.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com