Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B210LP Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # B210LP
Description  Single-Ended Reflected Type Beam Smoke Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

B210LP Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  B210LP Datasheet HTML 1Page - Gamewell-FCI by Honeywell B210LP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2013 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0623 Rev. F page 1 of 2
Velociti® Series
ABD-2F and ABD-RT2F
Single-Ended Reflected Type
Beam Smoke Sensor
3023594
S1913
SIGNALING
APPROVED
FM
7260-1703:0120
MEA
Approved
FDNY
COA #:219-02-E
Vol. VI
Description
The Gamewell-FCI Velociti® Series, ABD-2F and address-
able projected beam smoke sensor is uniquely suited to
sense smoke in hostile environments or open areas with
high ceilings where spot-type sensors are unsuitable or
difficult to install and maintain. It is intended for use in the
signaling line circuits with the following sub-assemblies.
•
E3 Series®, ILI-MB-E3 and ILI-S-E3 (Velociti mode
only)
•
S3 Series, SLC-PM (Signaling Line Circuit-Personality
Module)
The ABD-2F consists of a combination transmitter/
receiver unit and a reflector. When smoke enters the path
between the unit and the reflector, it causes a reduction in
the signal, and when the smoke level reaches the prede-
termined threshold, an alarm results.
A unique single-ended reflective design offers simpler
installation than the traditional transmitter and receiver
types of beam sensors. Alignment is swiftly accomplished
via an optical sight and a 2-digit signal strength meter inte-
gral with the product. Listed for operation from –22° F to
131° F, the ABD-2F can be installed in garages, ware-
houses and other hostile environments where temperature
extremes exceed the capability of spot-type sensors.
The Velociti® Series uses a communication protocol that
substantially increases the speed of communication
between the sensors and Gamewell-FCI analog address-
able fire alarm controls. These devices operate in a
grouped fashion. If one of the devices in the group
changes status, the panel’s microprocessor stops the
group poll and concentrates on the single device. The net
effect is response speed up to five times greater than ear-
lier designs.
The unit has four standard sensitivity selections along with
two Acclimate settings. When either of the two Acclimate
settings are selected, the sensor will automatically adjust
its sensitivity using the advanced software algorithms to
select the optimum sensitivity for the specific environment.
Velociti® and E3 Series® are registered trademarks of Honeywell International Inc.
Features
•
Includes a single-ended, reflective design.
•
Has six user-selectable sensitivity levels.
•
Spans a 16 to 328 foot (4.9 to 99.9 m) detection range.
•
Compatible with the E3 Series® ILI-MB-E3 and ILI-S-E3
or the S3 Series, SLC-PM.
•
Contains an integral sensitivity test feature (ABD-2SF).
•
Designed with a digital display - no special tools
required.
•
Provides a user-friendly alignment procedure.
•
Offers an integral automatic gain control that compen-
sates for signal deterioration from dust build-up.
•
Available with an optional Remote test station.
ABD-2F/RT2F


Similar Part No. - B210LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
Low-Profile Intelligent Combination Smoke Detector
B210LP SYSTEMSENSOR-B210LP Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
logo
Gamewell-FCI by Honeywe...
B210LP GAMEWELL-FCI-B210LP Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
64Kb / 2P
Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
More results

Similar Description - B210LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
BEAM200 SYSTEMSENSOR-BEAM200 Datasheet
525Kb / 2P
BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
6924 SYSTEMSENSOR-6924 Datasheet
330Kb / 12P
Projected Beam Type Smoke Detector
BEAM1224 SYSTEMSENSOR-BEAM1224 Datasheet
1Mb / 13P
Single-ended Reflected Type Projected Beam Smoke Detector
logo
Gamewell-FCI by Honeywe...
ABD-2F GAMEWELL-FCI-ABD-2F Datasheet
67Kb / 2P
Single-ended reflected type beam smoke sensor
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
Reflective Beam Smoke Detector
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
Intelligent beam smoke detector
logo
Omron Electronics LLC
EY3A-106-A OMRON-EY3A-106-A Datasheet
113Kb / 2P
Single Beam Sensor (1 Beam: 65 mm)
EY3A-1051 OMRON-EY3A-1051 Datasheet
108Kb / 2P
Single Beam Sensor (1 Beam: 50 mm)
EY3A-1081 OMRON-EY3A-1081 Datasheet
93Kb / 2P
Single Beam Sensor (1 Beam: 80 mm)
logo
Zhengzhou Winsen Electr...
MP-2 WINSEN-MP-2 Datasheet
729Kb / 6P
Smoke Gas Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com