Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-01
Description  7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-01 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TREK-753
ƒ 7" WVGA LCD with 5 programmable adjustable brightness hot keys
ƒ Windows Embedded Standard (WES) 2009, WinCE6.0 and Ubuntu Linux
10.04
ƒ Supports analog video input & CAN2.0b with J1939 protocol
ƒ Supports CDMA/HSDPA/GPRS, GPS, WLAN, BT communications
ƒ Supports 12V/24V (default) car power system by ISO7637-2 & SAE J1113
(6 ~ 36V wide DC input)
ƒ Supports 48V (project base) car power system (18 ~ 58V wide DC input)
ƒ Fanless and ruggedized aluminum chassis, able to work under
-30 ~ 60° C temperature range
7" Mobile Data Terminal with Intel Atom
Z510PT/Z520PT
Introduction
TREK-753 is a new generation, all-in-one 7" mobile data terminal with touchscreen, with a compact design for commercial vehicles. With an Intel Atom Z510PT/Z520PT processor,
the system is high performing with wired connections like Gigabit Ethernet & CAN2.0b with J1939 protocol support; users can also connect to network services using easily with
CDMA/ HSDPA/ GPRS/ GPS/ WiFi/ BT options. Focused on the automotive market, TREK-753 is designed with vehicle power which is compliant with ISO7637-2 & SAE J1113,
ensuring the system is more stable during engine starts. Die casting and a ruggedized chassis not only provide more capabilities in a wide range of temperatures (-30 ~ 60° C), but
TREK-753 is also suitable for harsh environments subject to shock (100 G, 6 ms) and vibration.
Specifications
Processor
OS
Windows Embedded Standard (WES) 2009, WinCE6.0 and Ubuntu Linux 10.04
CPU
Onboard Intel Atom 1.1 GHz / 1.33 GHz (optional)
Chipset
Onboard Intel LE82US15EE
Watch Dog
Yes
RTC
Yes with one time 200mAh li-ion coin battery
RAM
1 x 200-pin SODIMM socket supports a memory module of up to 2 GB
Storage
1 x external accessible type ll Compact Flash memory card (bootable device)
1 x SD card with external access for extra capacity (SD function is not available with WinCE6.0)
Bus Expansion
1 x mini-PCIe slot for built-in WLAN (b/g/n) module
1 x mini-PCIe slot for built-in CDMA/HSDPA (USB 2.0 interface)
LCD
Display Type
7" 16:9 industrial degree TFT color TFT LCD, LED backlight
Luminance
400 cd/m2 (average with TS)
Max. Resolution
WVGA 800 x 480, 10% ~ 100% brightness controlled by two hardware buttons on the front panel and a light sensor
Touchscreen
Type
4-wire analog resistive type, continuous resolution, optional support for sunlight readable touchscreen
I/O Functions
COM
3 x COM ports:
ƒ 1 x full function RS-232 port supports high speed (up to 1Mb max.) with 12 V/2.5 A in I/O plate
ƒ 1 x full function RS-232 supports high speed (up to 1 Mb max.) port via high density cable (*1)
ƒ 1 x RS-485 port via high density cable (*1)
Audio
1 x built-in 2 W speaker on front panel
1 x line-in, 1 x line-out, 1 x microphone input via high density cable (*1)
Function Keys
5 x green lit, programmable function keys, 2 x for LCD back light adjustment
USB
3 x USB 2.0 ports
1 x rubber door protection at front panel, 1 x type A connector with cable clip, 1 x high density cable (*1)
Video Input (Rear View Monitor)
1 x video input for rear view camera via high density cable (*1)
LAN
1 x 100/1000T Gigabit Ethernet via RJ-45 connector
Light Sensor
1 x light sensor on front cover for auto LCD backlight adjustment
DI/DO
4 x isolated digital input & 4 x isolated digital output ports via high density cable (*1)
CAN Bus
1 x CAN 2.0b with J1939 protocol via high density cable (*1)
J1708
1 x J1708 via high density cable (*1)
RF Functions
GPS (Optional)
Built-in 50 channel GPS uBlox LEA-5S with SMA connector for external antenna
Bluetooth (Optional)
Built-in Class 2 Bluetooth V2.0 + EDR module with internal antenna
WWAN (Optional)
ƒ Built-in Quad-band 900/1800/850/1900MHz GSM/GPRS module Cinterion MC55i with SMA connector for external antenna
ƒ Built-in HSDPA module Sierrawireless MC8790V with SMA connector for external antenna
ƒ Built-in CDMA module Sierrawireless MC5728 with SMA connector for external antenna
WLAN (Optional)
Built-in AzureWave AW-NE768 IEEE 802.11b/g/n with SMA connector for external antenna
Power Supply
Input Voltage
ƒ Supports 12V/24V (default) car power system by ISO7637-2 & SAE J1113 (6 ~ 36V wide DC input)
ƒ Supports 48V (project base) car power system (18 ~ 58V wide DC input)
Ignition On/Off
Power on delay, default 2 seconds; Power off delay, default 5 seconds; Hardware power off delay, default 30 seconds. SW
configurable
LED indicator
1 x yellow LED shows system power ready (on front panel)
E
ITS/Telematics
All product specifications are subject to change without notice
Last updated : 6-Jan-2016


Similar Part No. - RAM-MOUNT-01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-01 ADVANTECH-RAM-MOUNT-01 Datasheet
360Kb / 2P
5.7 Display Solution for Vehicle Applications
RAM-MOUNT-01 ADVANTECH-RAM-MOUNT-01 Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
RAM-MOUNT-01 ADVANTECH-RAM-MOUNT-01 Datasheet
732Kb / 2P
7" All-in-One Ultra Rugged Mobile Data Terminal
14-Apr-2021
RAM-MOUNT-01E ADVANTECH-RAM-MOUNT-01E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results

Similar Description - RAM-MOUNT-01

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
Mobile Intel Atom Processor N270 Single Core
logo
Advantech Co., Ltd.
TREK-753 ADVANTECH-TREK-753 Datasheet
1Mb / 2P
7" Mobile Data Terminal with Intel짰 Atom??Z510PT/Z520PT Processor
TREK-753R-0A0E ADVANTECH-TREK-753R-0A0E Datasheet
665Kb / 2P
7" Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK-773R-00A0E ADVANTECH-TREK-773R-00A0E Datasheet
595Kb / 2P
7" All-in-One Mobile Data Terminal
logo
List of Unclassifed Man...
LEC-5510 ETC2-LEC-5510 Datasheet
213Kb / 2P
Fanless Mobile PC with Dual Core Intel Atom D510
logo
Advantech Co., Ltd.
TREK30E ADVANTECH-TREK30E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK31E ADVANTECH-TREK31E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK36E ADVANTECH-TREK36E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK37E ADVANTECH-TREK37E Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
TREK-753 ADVANTECH-TREK-753_16 Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com