Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-01
Description  7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-01 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/digital-logistics/
Online Download
Specifications Cont.
TREK-753
Ordering Information
Part Number
Description
TREK-753R-0A0E
TREK-753R Bare bone with Z510 1.1 G CPU
TREK-753R-1A0E
TREK-753R Bare bone with Z520 1.3 G CPU
TREK-753S-0A0E
TREK-753R Bare bone with 1.1 G CPU/SR T/S*
TREK-753R-CWBXPA0E
TREK-753R w/CDMA/GPS/WLAN/BT/1 GB RAM/4
G CF/WES
TREK-753R-HWBXPA0E
TREK-753R w/HSDPA/GPS/WLAN/BT/1 GB RAM/4
G CF/WES
TREK-753R-GWBXPA0E
TREK-753R w/GPRS/GPS/WLAN/BT/1 GB RAM/4
G CF/WES
*Note: SR T/S stands for Sunlight Readable TouchScreen.
Dimensions
Unit: mm
255.70
54
56
75
4 - M5
TREK-753 CTOS Kit
Part Number
Description
9668TREK30E
TREK-753R RevA0 GPS kit
9668TREK31E
TREK-753R RevA0 WiFi (Azurewave) kit
9668TREK32E
TREK-753R RevA0 HSDPA kit
9668TREK34E
TREK-753R RevA0 GPRS kit
9668TREK35E
TREK-753R RevA0 AC/DC power kit
9668TREK36E
TREK-753R RevA0 BT module kit
Optional items
Part Number
Description
1700019307
High density cable (2 meters)
1700019611
Cigarette lighter cable for testing purpose (30cm)
RAM-MOUNT-01
VESA RAM mount w/clamp base 1.5" ball
RAM-MOUNT-06E
VESA RAM mount w/VESA base, 1.5" ball
9668TREK37E
IP54 I/O housing cover for TREK-753
A
B
C
D
F
G H I
J
E
A. CF Card
B. SIM Card
C. SD Card
D. GPS
E. High Density Connector
F. COM1
G. RJ 45
H. USB2.0
I. System power
J. Power button
Mechanical Design
Material
Aluminum
Protection
IP54 (except I/O plate), option to support entire system IP54 with additional I/O cover (9668TREK37E)
Weight
2.2 kg (~4.85 lbs)
Dimensions (W x H x D)
255.7 x 161 x 56 mm (10.04" x 6.30" x 2.20")
Environmental
Specifications
Operating Temperature
-30 ~ 60° C
Relative Humidity
Compliant to 10 ~ 90% @ 40° C (non-condensing)
Vibration Shock
MIL-STD-810G (US highway truck), Method 516.5, SAE J1455, Class 5M3 in accordance with DIN EN 60721-3-5
Certifications
CE, FCC, UL/cUL, CB, CCC, E-mark, PTCRB, EN50155



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com