Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP623DM Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP623DM
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623DM Datasheet(HTML) 3 Page - ON Semiconductor

  NCP623DM Datasheet HTML 1Page - ON Semiconductor NCP623DM Datasheet HTML 2Page - ON Semiconductor NCP623DM Datasheet HTML 3Page - ON Semiconductor NCP623DM Datasheet HTML 4Page - ON Semiconductor NCP623DM Datasheet HTML 5Page - ON Semiconductor NCP623DM Datasheet HTML 6Page - ON Semiconductor NCP623DM Datasheet HTML 7Page - ON Semiconductor NCP623DM Datasheet HTML 8Page - ON Semiconductor NCP623DM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP623
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = −40°C to +85°C, Max TJ = 150°C)
Characteristics
Symbol
Min
Typ
Max
Unit
CONTROL ELECTRICAL CHARACTERISTICS
Input Voltage Range
VON/OFF
0
−
Vin
V
ON/OFF Input Current (All versions)
VON/OFF = 2.4 V
ION/OFF
−
2.5
−
mA
ON/OFF Input Voltages (All versions)
Logic “0”, i.e. OFF State
Logic “1”, i.e. ON State
VON/OFF
−
2.2
−
−
0.3
−
V
CURRENTS PARAMETERS
Current Consumption in OFF State (All versions)
OFF Mode Current: Vin = Vout + 1.0 V, Iout = 0 mA
IQOFF
−
0.1
2.0
mA
Current Consumption in ON State (All versions)
ON Mode Sat Current: Vin = Vout + 1.0 V, Iout = 0 mA
IQON
−
170
200
mA
Current Consumption in Saturation ON State (All versions)
ON Mode Sat Current: Vin = Vout − 0.5 V, Iout = 0 mA
IQSAT
−
900
1400
mA
Current Limit Vin = Vout + 1.0 V, (All versions)
Output Short−circuited (Note 1)
IMAX
175
210
−
mA
Vin = Vout + 1.0 V, TA = 25°C, 1.0 mA < Iout < 150 mA
3.3 Suffix
4.0 Suffix
5.0 Suffix
Vout
3.23
3.92
4.90
3.3
4.0
5.0
3.37
4.08
5.1
V
Vin = Vout + 1.0 V, −40°C < TA < 85°C
3.3 Suffix
4.0 Suffix
5.0 Suffix
Vout
3.18
3.86
4.83
3.3
4.0
5.0
3.42
4.14
5.17
V
LINE AND LOAD REGULATION, DROPOUT VOLTAGES
Line Regulation (All versions)
Vout + 1.0 V < Vin < 12 V, Iout = 60 mA
Regline
−
2.0
10
mV
Load Regulation (All versions)
Vin = Vout + 1.0 V
Iout = 1.0 to 60 mA
Iout = 1.0 to 100 mA
Iout = 1.0 to 150 mA
Regload
−
−
−
8.0
15
20
25
35
45
mV
Dropout Voltage (All versions)
Iout = 10 mA
Iout = 100 mA
Iout = 150 mA
Vin − Vout
−
−
−
30
137
180
90
230
260
mV
DYNAMIC PARAMETERS
Ripple Rejection (All versions)
Vin = Vout + 1.0 V, Vpp = 1.0 V, f = 1.0 kHz, Iout = 60 mA
60
70
−
dB
Line Transient Response
Vin = Vout + 1.0 V to Vout + 4.0 V, Iout = 60 mA, d(Vin)/dt = 15 mV/ms
−
1.0
−
mV
Output Noise Voltage (All versions)
Cout = 1.0 µF, Iout = 60 mA, f = 100 Hz to 100 kHz
Cbypass = 10 nF
Cbypass = 1.0 nF
Cbypass = 0 nF
VRMS
−
−
−
25
40
65
−
−
−
µVrms
Output Noise Density
Cout = 1.0 µF, Iout = 60 mA, f = 1.0 kHz
VN
−
230
−
nV/
√Hz
Output Rise Time (All versions)
Cout = 1.0 µF, Iout = 30 mA, VON/OFF = 0 to 2.4 V
1% of ON/OFF Signal to 99% of Nominal Output Voltage
Without Bypass Capacitor
With Cbypass = 10 nF
tr
−
−
40
1.1
−
−
µs
ms
THERMAL SHUTDOWN
Thermal Shutdown (All versions)
−
150
−
°C
1. Iout (Output Current) is the measured current when the output voltage drops below 0.3 V with respect to Vout at Iout = 30 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com