Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP623DM Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP623DM
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623DM Datasheet(HTML) 5 Page - ON Semiconductor

  NCP623DM Datasheet HTML 1Page - ON Semiconductor NCP623DM Datasheet HTML 2Page - ON Semiconductor NCP623DM Datasheet HTML 3Page - ON Semiconductor NCP623DM Datasheet HTML 4Page - ON Semiconductor NCP623DM Datasheet HTML 5Page - ON Semiconductor NCP623DM Datasheet HTML 6Page - ON Semiconductor NCP623DM Datasheet HTML 7Page - ON Semiconductor NCP623DM Datasheet HTML 8Page - ON Semiconductor NCP623DM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP623
http://onsemi.com
5
APPLICATION HINTS
Input Decoupling − As with any regulator, it is necessary
to reduce the dynamic impedance of the supply rail that
feeds the component. A 1.0
mF capacitor either ceramic or
tantalum is recommended and should be connected close to
the NCP623 package. Higher values will correspondingly
improve the overall line transient response.
Output Decoupling − Due to a novel concept, the
NCP623 is a stable component and does not require any
Equivalent Series Resistance (ESR) neither a minimum
output current. Capacitors exhibiting ESRs ranging from a
few m
W up to 3.0 W can thus safely be used. The minimum
decoupling value is 1.0
mF and can be augmented to fulfill
stringent load transient requirements. The regulator accepts
ceramic chip capacitors as well as tantalum devices.
Noise Performances − Unlike other LDOs, the NCP623
is a true low−noise regulator. With a 10 nF bypass capacitor,
it typically reaches the incredible level of 25
mVRMS overall
noise between 100 Hz and 100 kHz. To give maximum
insight on noise specifications, ON Semiconductor includes
spectral density graphics as well as noise dependency versus
bypass capacitor.
The bypass capacitor impacts the start−up phase of the
NCP623 as depicted by the data−sheet curves. A typical
1.0 ms settling time is achieved with a 10 nF bypass
capacitor. However, due to its low−noise architecture, the
NCP623 can operate without bypass and thus offers a typical
20
ms start−up phase. In that case, the typical output noise
stays lower than 65
mVRMS between 100 Hz − 100 kHz.
Protections − The NCP623 hosts several protections,
conferring natural ruggedness and reliability to the products
implementing the component. The output current is
internally limited to a minimum of 175 mA while
temperature shutdown occurs if the die heats up beyond
150
°C. These value lets you assess the maximum
differential voltage the device can sustain at a given output
current before its protections come into play.
The maximum dissipation the package can handle is given
by:
Pmax +
T
Jmax
–T
A
RqJA
If TJmax is internally limited to 150°C, then the NCP623 can
dissipate up to 595 mW @ 25
°C.
The power dissipated by the NCP623 can be calculated
from the following formula:
Ptot
+ V
in @
I
gnd
(Iout) ) Vin * Vout @ Iout
or
Vinmax +
Ptot
) V
out @ Iout
I
gnd )
Iout
If a 150 mA output current is needed, the ground current
is extracted from the data−sheet curves: 6.5 mA @ 150 mA.
For a NCP623NW28R2 (2.8 V), the maximum input voltage
will then be 6.48 V, a rather comfortable margin.
Typical Application − The following figure portraits the
typical application for the NCP623 where both input/output
decoupling capacitors appear.
Figure 2. A Typical NCP623 Application with
Recommended Capacitor Values (QFN6)
64
12
3
Input
Output
C3
1.0
mF
C2
1.0
mF
C1
10 nF
On/Off
NCP623
5
Figure 3. A Typical NCP623 Application with
Recommended Capacitor Values (Micro8)
87
5
12
4
Output
Input
C2
1.0
mF
C3
1.0
mF
C1
10 nF
On/Off
NCP623
6
3
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com