Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ADP3500
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ADP3500 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 12 -
Theory of Operations
As illustrated in Figure 1 at the beginning, ADP3500 can be divided into two high level blocks – Analog and Logic.The Analog
block mainly consists of LDO regulators, battery charger, reference voltage, and voltage detector sub-blocks, all of which are
powered by the main power source(VBAT), namely the main battery or the charging adapter. On the other hand, the Logic block is
more complicated. All the Logic sub-blocks are also powered by VBAT except the RTC counter, 32MHz Output control, RESET
Output, and Stay-Alive Timer. These sub-blocks are powered from RTCV pin, as indicated in Figure 4 in shaded area.
[VBAT]
5
4
3
2
1
POWER ON
KEYPAD I/F
GPIO
SERIAL I/F
RESET
[RTCV]- RTC BLOCK
10
32K OUTPUT
CONTROL
RESET OUTPUT
9
11
RTC COUNTER
STAY-ALIVE TIMER
LDO CONTROL
INTERRUPT
CONTROL
DELAY 10mS
6
7
8
ANALOG
BLOCK
Figure 4. Power partitioning of sub-blocks
1. ANALOG BLOCKS
1.1 LOW DROP-OUT(LDO) REGULATORS
There are total four Sub-LDOs for each LDO1, 2, 3, and 6, in order to meet lower power consumption at light load (stand-by
operation). They are used at low load condition, but they are continuously ON even if the each Main-LDOs are ON. The LDO3 and
3b are used for Coin cell and LDO3b is always ON until Main battery (VBAT) is downed to 2.5V due to DDLO function. LDO7 and
9 are controlled with SLEEP- signal. For detail of LDO ON/OFF control, please refer to Section “2.8 LDO Control”.
Table 1. Ground currents of LDOs with each handset operations.
LDO names
Baseband
VDD
Baseband
Core
Coin Cell Audio
Vibrator
Baseband
AVDD
RF
Rx1
RF
Tx
RF
Rx2
RF
Option
Option
Main
REF
Total LDO
IGND
LDO #
1
6
3
4
5
2
7
8
9
10
11
Power OFF
OFF
OFF
10
µA
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
20
µA30µA
Light load
10
µA5µA10µA
OFF
OFF
5
µA
OFF
OFF
OFF
OFF
OFF
20
µA50µA
Mid-load
60
µA55µA60µA
OFF
OFF
55
µA
OFF
OFF
OFF
50
µA
OFF
20
µA
300
µA
Stand-
by
mode
Active load
60
µA55µA60µA
OFF
OFF
55
µA50µA50µA50µA50µA
OFF
20
µA
450
µA
Talk
60
µA55µA60µA50µA
OFF
55
µA50µA50µA50µA50µA50µA20µA
550
µA
Ring
60
µA55µA60µA50µA50µA55µA50µA50µA50µA50µA50µA20µA
600
µA
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com