Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADP3500
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADP3500 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
REV.PrP 2/6/02
- 2 -
ADP3500 - SPECIFICATIONS
MAIN FUNCTIONS
TA =-30 to +85°C, CVBAT=1µF MLCC, VBAT=3.6V unless otherwise noted. See Table 2 for COUT.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SHUTDOWN GND CURRENT
Power OFF
IGND
LDO3b : ON, connect to RTCV
through Schottky diode.
RTC/32K OSC : Active
Allother LDOs:OFF
All logic inputs : VBAT or GND
MVBAT: OFF
25
40
µA
OPERATING GND CURRENT
Stand-by mode operation (light load)
Stand-by mode operation (Mid-load)
Active operation
IGND
LDO1b, 2b, 3b, 6b: ON
Io=1mA for LDO1b & 3b
Io=300
µA for LDO2b & 6b
Allother LDOs:OFF
RTC/32K OSC: Active
MVBAT: OFF
All logic output: no load
LDO1, 2, 3, 6, all Sub-LDO: ON,
Io=70% load
Allother LDOs:OFF
RTC/32K OSC: Active
MVBAT: ON
All logic outputs: no load
LDO5: OFF
All other LDOs: ON, 70% load
RTC/32K OSC: Active
All logic outputs: no load
MVBAT: ON
60
275
650
125
µA
µA
µA
Thermal Shutdown Threshold
160
°C
Thermal Shutdown Hysteresis
35
°C
Operational Temperature range
Tope
-30
+85
°C
Adapter Voltage range (recommendation)
VADP
5.5
12
V
VBAT Voltage range
VBAT
3.3
5.5
V
LDO SPECIFICATIONS
TA =25°C, CVBAT=1µF MLCC, VBAT = Vout+1V, NRCAP=0.1µF. See Table 2 for COUT.
Baseband VDD Main-LDO (LDO #1a)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VLDO#1
Io = 1 to 150 mA
Ta= -30 to +85
°C
2.81
2.90
2.99
V
OUTPUT CAPACITOR REQUIRED FOR
STABILITY
C LDO#1
2.2
µF
DROPOUT VOLTAGE
VDO
Io = 150 mA
200
mV
Start-up time from shutdown
250
µS
GND Current
ILDO#1
Io = 150 mA
50
µA
Baseband VDD Sub-LDO (LDO #1b)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VLDO#1b
Io = 1mA
Ta= -30 to +85
°C
2.8
2.87
3.0
V
GND Current
ILDO#1b
10
µA
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com