Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7189 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7189
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189 Datasheet(HTML) 1 Page - Analog Devices

  ADV7189 Datasheet HTML 1Page - Analog Devices ADV7189 Datasheet HTML 2Page - Analog Devices ADV7189 Datasheet HTML 3Page - Analog Devices ADV7189 Datasheet HTML 4Page - Analog Devices ADV7189 Datasheet HTML 5Page - Analog Devices ADV7189 Datasheet HTML 6Page - Analog Devices ADV7189 Datasheet HTML 7Page - Analog Devices ADV7189 Datasheet HTML 8Page - Analog Devices ADV7189 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Multiformat SDTV Video Decoder
ADV7189
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Multiformat video decoder supports NTSC-(M,N, 4.43),
PAL-(B/D/G/H/I/M/N), SECAM
Integrates three 54 MHz, Noise Shaped Video®, 12-bit ADCs
Clocked from a single 27 MHz crystal
Line-locked clock compatible (LLC)
Adaptive-Digital-Line-Length-Tracking (ADLLT™)
5-line adaptive comb filters
Proprietary architecture for locking to weak, noisy, and
unstable video sources such as VCRs and tuners
Subcarrier frequency lock and status information output
Integrated AGC with adaptive peak white mode
Macrovision® copy protection detection
CTI (chroma transient improvement)
DNR (digital noise reduction)
Multiple programmable analog input formats:
CVBS (composite video)
S-Video (Y/C)
YPrPb component (VESA, MII, SMPTE, and BetaCam)
12 analog video input channels
Automatic NTSC/PAL/SECAM identification
Digital output formats (8-bit/10-bit/16-bit/20-bit):
ITU-R BT.656 YCrCb 4:2:2 output + HS, VS, and FIELD
0.5 V to 1.6 V analog signal input range
Differential gain: 0.4% typ
Differential phase: 0.4° typ
Programmable video controls:
Peak-white/hue/brightness/saturation/contrast
Integrated on-chip video timing generator
Free run mode (generates stable video ouput with no I/P)
VBI decode support for
Close captioning, WSS, CGMS, EDTV, Gemstar® 1×/2×
Power-down mode
2-wire serial MPU interface (I2C® compatible)
3.3 V analog, 1.8 V digital core; 3.3 V IO supply
80-lead LQFP Pb-free package
APPLICATIONS
High end DVD recorders
Video projectors
HDD-based PVRs/DVDRs
LCD TVs
Set-top boxes
Professional video products
AVR receiver
GENERAL DESCRIPTION
The ADV7189 integrated video decoder automatically detects
and converts a standard analog baseband television signal
compatible with worldwide standards NTSC, PAL, and SECAM
into 4:2:2 component video data compatible with 20-/16-/10-/
8-bit CCIR601/CCIR656.
The advanced and highly flexible digital output interface
enables performance video decoding and conversion in line-
locked clock based systems. This makes the device ideally suited
for a broad range of applications with diverse analog video
characteristics, including tape based sources, broadcast sources,
security/surveillance cameras, and professional systems.
The 12-bit accurate A/D conversion provides professional
quality video performance and is unmatched. This allows true
10-bit resolution in the 10-bit output mode.
The 12 analog input channels accept standard Composite, S-
Video, YPrPb video signals in an extensive number of
combinations. AGC and clamp restore circuitry allow an input
video signal peak-to-peak range of 0.5 V up to 1.6 V.
Alternatively, these can be bypassed for manual settings.
The fixed 54 MHz clocking of the ADCs and datapath for all
modes allows very precise, accurate sampling and digital
filtering. The line-locked clock output allows the output data
rate, timing signals, and output clock signals to be synchronous,
asynchronous, or line locked even with ±5% line length
variation. The output control signals allow glueless interface
connections in almost any application. The ADV7189 modes
are set up over a 2-wire, serial, bidirectional port (I2C
compatible).
The ADV7189 is fabricated in a 3.3 V CMOS process. Its
monolithic CMOS construction ensures greater functionality
with lower power dissipation.
The ADV7189 is packaged in a small 80-lead LQFP Pb-free
package.


Similar Part No. - ADV7189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7189B AD-ADV7189B Datasheet
783Kb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
881Kb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7189BBSTZ268H AD-ADV7189BBSTZ268H Datasheet
880Kb / 104P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7189BBSTZ268H2 AD-ADV7189BBSTZ268H2 Datasheet
783Kb / 104P
Multiformat SDTV Video Decoder
REV. B
More results

Similar Description - ADV7189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
Multiformat SDTV Video Decoder
6/04-Changed from Rev. 0 to Rev. A.
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7189BKSTZ AD-ADV7189BKSTZ Datasheet
783Kb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com