Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC2001 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC2001
Description  High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC2001 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC2001 Datasheet HTML 3Page - National Semiconductor (TI) LMC2001 Datasheet HTML 4Page - National Semiconductor (TI) LMC2001 Datasheet HTML 5Page - National Semiconductor (TI) LMC2001 Datasheet HTML 6Page - National Semiconductor (TI) LMC2001 Datasheet HTML 7Page - National Semiconductor (TI) LMC2001 Datasheet HTML 8Page - National Semiconductor (TI) LMC2001 Datasheet HTML 9Page - National Semiconductor (TI) LMC2001 Datasheet HTML 10Page - National Semiconductor (TI) LMC2001 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Notes (Continued)
This Strain-Gauge (
Figure 4) amplifier provides high gain
(1006 or 60 dB) with very low offset and drift. Using the resis-
tors tolerance as shown, the worst case CMRR will be
greater than 90 dB. The common-mode gain is directly re-
lated to the resistor mismatch and is independent of the dif-
ferential gain that is set by R3. The worst case common-
mode gain is −54 dB. This gain becomes even lower,
improving CMRR, if the resistor ratio matching is improved.
Extending Supply Voltages and Output Swing by Using
a Composite Amplifier Configuration:
In cases where substantially higher output swing is required
with higher supply voltages, arrangements like the ones
shown in
Figure 5, and Figure 6 could be used (pin numbers
shown are for SO-8 package). These configurations utilize
the excellent DC performance of the LMC2001 while at the
same time allow the superior voltage and frequency capabili-
ties of the LM6171 to set the dynamic performance of the
overall amplifier. For example, it is possible to achieve ±12V
output swing with 300MHz of overall GBW (Av=100) while
keeping the worst case output shift due to Vos less than
4mV. The LMC2001 output voltage is kept at about mid-point
of it’s overall supply voltage and it’s input common mode
voltage range allows the V
- terminal to be grounded in one
case (
Figure 5, inverting operation) and tied to a small non-
critical negative bias in another (
Figure 6, non-inverting op-
eration). Higher closed loop gains are also possible with a
corresponding reduction in realizable bandwidth. Table 1
shows some other closed loop gain possibilities along with
the measured performance in each case
Application Circuits
DS100058-A1
FIGURE 2.
DS100058-A0
FIGURE 3.
DS100058-21
FIGURE 4. Single Supply Strain- Gauge Amplifier
DS100058-30
FIGURE 5. Inverting Composite Amplifier
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com