Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC2001 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC2001
Description  High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC2001 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC2001 Datasheet HTML 1Page - National Semiconductor (TI) LMC2001 Datasheet HTML 2Page - National Semiconductor (TI) LMC2001 Datasheet HTML 3Page - National Semiconductor (TI) LMC2001 Datasheet HTML 4Page - National Semiconductor (TI) LMC2001 Datasheet HTML 5Page - National Semiconductor (TI) LMC2001 Datasheet HTML 6Page - National Semiconductor (TI) LMC2001 Datasheet HTML 7Page - National Semiconductor (TI) LMC2001 Datasheet HTML 8Page - National Semiconductor (TI) LMC2001 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LMC2001
High Precision, 6MHz Rail-To-Rail Output Operational
Amplifier
General Description
The LMC2001 is a new precision amplifier that offers un-
precedented accuracy and stability at an affordable price
and is offered in miniature (SOT23-5) package. This device
utilizes patented techniques to measure and continually cor-
rect the input offset error voltage. The result is an amplifier
which is ultra stable over time, and temperature. It has excel-
lent CMRR and PSRR ratings, and does not exhibit the fa-
miliar 1/f voltage and current noise increase that plagues tra-
ditional amplifiers. The combination of the LMC2001
characteristics makes it a good choice for transducer ampli-
fiers, high gain configurations, ADC buffer amplifiers, DAC
I-V conversion, and any other 5V application requiring preci-
sion and/or stability.
Other useful benefits of the LMC2001 are rail-to-rail output,
low supply current of 750µA, and wide gain-bandwidth
product of 6MHz. The LMC2001 comes in 5 pin SOT23 and
8 pin SOIC. These extremely versatile features found in the
LMC2001 provide high performance and ease of use.
Features
(Vs=5V, R
L = 10K to V
+ /2, Typ. Unless Noted)
n
Low Guaranteed V
os
40µV
n en With No 1/f
85nV/
n High CMRR
120dB
n High PSRR
120dB
n High AVOL
137dB
n Wide Gain-Bandwidth Product
6MHz
n High Slew Rate
5V/µs
n Low Supply Current
750µA
n Rail-To-Rail Output
30mV from either rail
n No External Capacitors Required
Applications
n Precision Instrumentation Amplifiers
n Thermocouple Amplifiers
n Strain Gauge Bridge Amplifier
Connection Diagrams
Ordering Information
Package
Temperature Range
Package
Marking
Transport
Media
NSC
Drawing
Commercial
0˚C to +70˚C
Industrial
−40˚C to +85˚C
8-pin Small Outline
LMC2001AIM
LMC2001AIM
Rails
M08A
LMC2001AIMX
2.5k Units Tape
and Reel
5-pin SOT23-5
LMC2001ACM5
A09A
1k Units Tape
and Reel
MA05B
LMC2001ACM5X
3k Units Tape
and Reel
8-Pin SO
DS100058-1
Top View
5-Pin SOT23
DS100058-2
Top View
August 1999
© 1999 National Semiconductor Corporation
DS100058
www.national.com


Similar Part No. - LMC2001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
More results

Similar Description - LMC2001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011 TI-LMV2011 Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com