Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 55008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

55008 Datasheet(HTML) 1 Page - STMicroelectronics

  55008 Datasheet HTML 1Page - STMicroelectronics 55008 Datasheet HTML 2Page - STMicroelectronics 55008 Datasheet HTML 3Page - STMicroelectronics 55008 Datasheet HTML 4Page - STMicroelectronics 55008 Datasheet HTML 5Page - STMicroelectronics 55008 Datasheet HTML 6Page - STMicroelectronics 55008 Datasheet HTML 7Page - STMicroelectronics 55008 Datasheet HTML 8Page - STMicroelectronics 55008 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ADVANCED DATA
May, 29 2003
PD55008L
RF POWER TRANSISTORS
The LdmoST Plastic FAMILY
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION
• POUT = 8 W with 17 dB gain @ 500 MHz / 12.5V
• INTEGRATED ESD PROTECTION
• NEW LEADLESS PLASTIC PACKAGE
• SUPPLIED IN TAPE & REEL OF 3K UNITS
DESCRIPTION
The PD55008L is a common source N-Channel,
enhancement-mode lateral Field-Effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It operates
at 12 V in common source mode at frequencies up
to 1 GHz.
PD55008L boasts the excellent gain, linearity and
reliability of STH1LV latest LDMOS technology
mounted in the innovative leadless SMD plastic
package, PowerFLAT™. PD55008L’s
superior
linearity performance makes it an ideal solution for
car mobile radio.
ABSOLUTE MAXIMUM RATINGS (TCASE = 25
°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
-0.5 to 15
V
ID
Drain Current
5
A
PDISS
Power Dissipation (@ Tc = 70°C)
19.5
W
Tj
Max. Operating Junction Temperature
150
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
Rth(j-c)
Junction -Case Thermal Resistance
4.1
°C/W
ORDER CODE
PD55008L
BRANDING
55008
PowerFLAT
™(5x5)
PIN CONNECTION
TOP VIEW


Similar Part No. - 55008

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
55008 PHILIPS-55008 Datasheet
1Mb / 37P
MAGNETRON FOR USE AS PULSED OSCILLATOR
10.10.1961
logo
Festo Corporation.
550080 FESTO-550080 Datasheet
110Kb / 1P
Connection block
550081 FESTO-550081 Datasheet
112Kb / 1P
Connection block
550082 FESTO-550082 Datasheet
112Kb / 1P
Connection block
550083 FESTO-550083 Datasheet
111Kb / 1P
Connection block
More results

Similar Description - 55008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
PD57030 STMICROELECTRONICS-PD57030 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
RF Power Transistors The LdmoST Plastic FAMILY
04-Jan-2006
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com