Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55008 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 55008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

55008 Datasheet(HTML) 4 Page - STMicroelectronics

  55008 Datasheet HTML 1Page - STMicroelectronics 55008 Datasheet HTML 2Page - STMicroelectronics 55008 Datasheet HTML 3Page - STMicroelectronics 55008 Datasheet HTML 4Page - STMicroelectronics 55008 Datasheet HTML 5Page - STMicroelectronics 55008 Datasheet HTML 6Page - STMicroelectronics 55008 Datasheet HTML 7Page - STMicroelectronics 55008 Datasheet HTML 8Page - STMicroelectronics 55008 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PD55008L
4/9
S-PARAMETER (PD55008L)
(VDS = 12.5V IDS = 0.15A)
FREQ
IS11IIS21IIS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.783
-134
16.75
100
0.034
11
0.654
-135
100
0.774
-153
8.73
82
0.034
-6
0.667
-150
150
0.791
-159
5.61
70
0.033
-15
0.698
-155
200
0.814
-163
4.00
61
0.029
-22
0.737
-157
250
0.838
-165
3.00
54
0.027
-28
0.775
-159
300
0.862
-166
2.34
47
0.023
-32
0.806
-161
350
0.879
-168
1.87
41
0.021
-35
0.837
-163
400
0.894
-169
1.52
37
0.018
-37
0.861
-164
450
0.908
-171
1.26
32
0.015
-37
0.881
-166
500
0.919
-172
1.06
28
0.013
-37
0.900
-167
550
0.927
-173
0.91
25
0.010
-36
0.911
-168
600
0.937
-174
0.78
22
0.009
-33
0.917
-169
650
0.942
-175
0.68
19
0.007
-20
0.931
-170
700
0.945
-176
0.60
16
0.005
-7
0.938
-171
750
0.948
-177
0.53
14
0.005
14
0.940
-172
800
0.953
-178
0.47
12
0.006
36
0.950
-173
850
0.956
-179
0.42
10
0.007
48
0.954
-173
900
0.956
-179
0.38
9
0.007
60
0.957
-174
950
0.957
180
0.34
7
0.009
66
0.960
-175
1000
0.957
179
0.31
6
0.010
71
0.960
-176
1050
0.958
178
0.28
4
0.012
73
0.960
-176
1100
0.959
177
0.26
3
0.013
75
0.967
-177
1150
0.960
177
0.24
2
0.014
73
0.967
-177
1200
0.959
176
0.22
1
0.015
79
0.966
-178
1250
0.958
176
0.20
0
0.017
78
0.970
-178
1300
0.957
175
0.19
-1
0.019
78
0.970
-179
1350
0.956
174
0.18
-2
0.020
78
0.971
-180
1400
0.954
174
0.16
-3
0.020
80
0.971
-180
1450
0.952
173
0.15
-4
0.022
80
0.968
180
1500
0.951
173
0.14
-5
0.023
81
0.970
179
S11∠Φ
S21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com